Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HSB Datasheet(PDF) 72 Page - STMicroelectronics

Part # M58LT128HSB
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB Datasheet(HTML) 72 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 68Page - STMicroelectronics M58LT128HSB Datasheet HTML 69Page - STMicroelectronics M58LT128HSB Datasheet HTML 70Page - STMicroelectronics M58LT128HSB Datasheet HTML 71Page - STMicroelectronics M58LT128HSB Datasheet HTML 72Page - STMicroelectronics M58LT128HSB Datasheet HTML 73Page - STMicroelectronics M58LT128HSB Datasheet HTML 74Page - STMicroelectronics M58LT128HSB Datasheet HTML 75Page - STMicroelectronics M58LT128HSB Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
Part numbering
M58LT128HST, M58LT128HSB
72/110
14
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect
of this device, please contact the ST Sales Office nearest to you.
Table 28.
Ordering information scheme
Example:
M58LT128HST
8
ZA 6
E
Device type
M58
Architecture
L = Multilevel, Multiple Bank, Burst Mode
Operating voltage
T = VDD = 1.7 V to 2.0 V, VDDQ = 2.7 V to 3.6 V
Density
128 = 128 Mbit (x16)
Technology
H = 90nm technology
Security
S = Secure
Parameter location
T = Top Boot
B = Bottom Boot
Speed
8 = 85 ns
Package
ZA = TBGA64, 10 × 13 mm, 1 mm pitch
Temperature range
6 = –40 to 85°C
Packing option
E = ECOPACK® Package, Standard Packing
F = ECOPACK® Package, Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com