Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128HSB Datasheet(PDF) 37 Page - STMicroelectronics

Part # M58LT128HSB
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 33Page - STMicroelectronics M58LT128HSB Datasheet HTML 34Page - STMicroelectronics M58LT128HSB Datasheet HTML 35Page - STMicroelectronics M58LT128HSB Datasheet HTML 36Page - STMicroelectronics M58LT128HSB Datasheet HTML 37Page - STMicroelectronics M58LT128HSB Datasheet HTML 38Page - STMicroelectronics M58LT128HSB Datasheet HTML 39Page - STMicroelectronics M58LT128HSB Datasheet HTML 40Page - STMicroelectronics M58LT128HSB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 110 page
background image
M58LT128HST, M58LT128HSB
Configuration Register
37/110
6
Configuration Register
The Configuration Register is used to configure the type of bus access that the memory will
perform. Refer to Read Modes section for details on read operations.
The Configuration Register is set through the Command Interface using the Set
Configuration Register command. After a reset or power-up the device is configured for
asynchronous read (CR15 = 1). The Configuration Register bits are described in Table 11
They specify the selection of the burst length, burst type, burst X latency and the read
operation. Refer to Figures 5 and 6 for examples of synchronous burst configurations.
6.1
Read Select bit (CR15)
The Read Select bit, CR15, is used to switch between Asynchronous and Synchronous
Read operations.
When the Read Select bit is set to ’1’, read operations are asynchronous; when the Read
Select bit is set to ’0’, read operations are synchronous.
Synchronous Burst Read is supported in both parameter and main blocks and can be
performed across banks.
On reset or power-up the Read Select bit is set to ’1’ for asynchronous access.
6.2
X-Latency bits (CR13-CR11)
The X-Latency bits are used during Synchronous Read operations to set the number of
clock cycles between the address being latched and the first data becoming available. Refer
to Figure 5: X-latency and data output configuration example.
For correct operation the X-Latency bits can only assume the values in Table 11:
Configuration Register.
Table 10 shows how to set the X-Latency parameter, taking into account the speed class of
the device and the Frequency used to read the Flash memory in Synchronous mode.
Table 10.
X-Latency Settings
fmax
tKmin
X-Latency min
30 MHz
33 ns
3
40 MHz
25 ns
4
52 MHz
19 ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com