Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9873H
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9873H Datasheet HTML 9Page - NXP Semiconductors TDA9873H Datasheet HTML 10Page - NXP Semiconductors TDA9873H Datasheet HTML 11Page - NXP Semiconductors TDA9873H Datasheet HTML 12Page - NXP Semiconductors TDA9873H Datasheet HTML 13Page - NXP Semiconductors TDA9873H Datasheet HTML 14Page - NXP Semiconductors TDA9873H Datasheet HTML 15Page - NXP Semiconductors TDA9873H Datasheet HTML 16Page - NXP Semiconductors TDA9873H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
2000 Apr 04
13
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
Pilot processing (pin 31)
fpilot
pilot operating frequency
(3.5fH)
fH1 = 15625 Hz
−
54688
−
Hz
fH2 = 15734 Hz
−
55070
−
Hz
KO(pilot)
VCO steepness
∆fpilot/∆VLPF
note 11
−
26
−
kHz/V
KD(pilot)
phase detector steepness
∆ILPF/∆ϕ(pilot)
∆fpilot window ±150 Hz;
note 11
−
2
−µA/rad
∆f
SC2(pilot)
second sound carrier pilot
frequency deviation
unmodulated pilot
1.5
2.5
3.5
kHz
mAM(pilot)
pilot AM modulation depth
25
50
75
%
Identification (pins 34 and 35)
fLP(CID)
low-pass frequency response
at pin CID
−3 dB point
450
600
750
Hz
fstereo
identification operating stereo
frequency
B/G and D/K standard;
1
⁄133fH1
−
117.48
−
Hz
fstereo(h)
identification operating
stereo (h) frequency
M standard; 1
⁄105fH2
−
149.85
−
Hz
fdual
identification operating dual
frequency
B/G and D/K standard;
1
⁄57fH1
−
274.12
−
Hz
fdual(h)
identification operating
dual (h) frequency
M standard; 1
⁄57fH2
−
276.04
−
Hz
tident(on)
total identification time on for
identification mode change
normal mode; note 12
0.35
−
2s
fast mode; note 12
0.1
−
0.5
s
tident(off)
total identification time off for
identification mode change
normal mode; note 12
0.6
−
1.6
s
fast mode; note 12
0.15
−
0.4
s
∆f
ident
identification window width
normal mode; note 13
−
2
−
Hz
fast mode; note 13
−
8
−
Hz
C/Npilot
pilot sideband carrier-to-noise
ratio for start of identification
−
33
−
dBc/Hz
fdet
pull-in frequency range of
identification PLL (referred to
fstereo = 117.48 Hz and
fdual = 274.12 Hz)
normal mode lower side
−0.63
−−0.63
Hz
normal mode upper side
0.63
−
0.63
Hz
fast mode lower side
−2.05
−−2.05
Hz
fast mode upper side
2.05
−
2.05
Hz
Reference input (operation as crystal oscillator; pin 15)
fsr(xtal)
series resonant frequency of
crystal
fundamental mode;
CL = 20 to 30 pF during
crystal production
−
4.0
−
MHz
∆f
w(max)
allowed maximum spread of
oscillator working frequency
over operating temperature
range including ageing and
influence of drive circuit;
note 3
−−
±300 × 10−6
∆fR
cutting frequency tolerance
−−
±50 × 10−6
∆fd
frequency drift
−−
±50 × 10−6
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com