Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9873H
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873H Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9873H Datasheet HTML 1Page - NXP Semiconductors TDA9873H Datasheet HTML 2Page - NXP Semiconductors TDA9873H Datasheet HTML 3Page - NXP Semiconductors TDA9873H Datasheet HTML 4Page - NXP Semiconductors TDA9873H Datasheet HTML 5Page - NXP Semiconductors TDA9873H Datasheet HTML 6Page - NXP Semiconductors TDA9873H Datasheet HTML 7Page - NXP Semiconductors TDA9873H Datasheet HTML 8Page - NXP Semiconductors TDA9873H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2000 Apr 04
3
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
QUICK REFERENCE DATA
VCC =5V; Tamb =25 °C; B/G standard (fSC1 = 5.5 MHz, fSC2 = 5.742 MHz, SC1/SC2=7dB, ∆fAF = 27 kHz,
fmod = 1 kHz, L = R, stereo mode); input level for first sound carrier Vi(FM)(rms) =50mV; fref = 4.000 MHz; measured in
application circuits of Figs 7 and 8; unless otherwise specified.
Notes
1. Condition for B/G, I and D/K standard: VCC = 5 V and ∆f = 27 kHz (m = 54%). Condition for M standard: VCC =5V
and
∆f = 13.5 kHz; 6 dB gain added internally to compensate smaller deviation.
2. The maximum total system identification time ‘on’ for a channel change is equal to maximum value of tident(on) plus
tI2C(read-out). The maximum total system identification time ‘off’ for a channel change is equal to maximum value of
tident(off) plus tI2C(read-out). The fast mode is proposed mainly during search tuning, program or channel select. If the
channel is selected, the identification response should be switched to normal mode for improved reliability. However
due to the transition from fast to normal mode, the identification bits are not valid for one integrator period. Therefore
the transmitter mode detected during the fast mode has to be stored before changing to normal mode. The storage
has to be kept for two seconds (maximum value of tident(on) in the normal mode) from the moment of transition.
The identification can now operate in the normal mode until the next tuning action.
3. R modulated and L monitored.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.5
5
6.6
V
ICC
supply current
40
60
75
mA
Vo(rms)
AF output level (RMS value)
54% modulation; note 1
400
500
600
mV
Vo(cl)(rms)
AF output clipping level
(RMS value)
THD < 1.5%
1400
−−
mV
fi(FM)
FM-PLL operating frequencies
(switchable)
first sound carrier
M standard
−
4.5
−
MHz
B/G standard
−
5.5
−
MHz
I standard
−
6.0
−
MHz
D/K standard
−
6.5
−
MHz
second sound carrier
M standard
−
4.72
−
MHz
B/G standard
−
5.74
−
MHz
D/K (1) standard
−
6.26
−
MHz
D/K (2) standard
−
6.74
−
MHz
D/K (3) standard
−
5.74
−
MHz
S/NW
weighted signal-to-noise ratio
(complete signal path)
CCIR 468-4 weighted; quasi
peak; dual mode;
B/G standard; note 1
52
56
−
dB
tident(on)
total identification time on for
identification mode change
normal mode; note 2
0.35
−
2s
fast mode; note 2
0.1
−
0.5
s
Vi(FM)(rms)
FM-PLL input voltage (RMS value)
sensitivity for pull-in
first sound carrier
−−
6mV
second sound carrier
−−
1mV
α
cs(AF)(stereo)
AF channel separation (stereo
mode; complete signal path)
B/G standard; note 3
without alignment
25
30
−
dB
I2C-bus alignment
40
45
−
dB
αct(AF)(dual)
AF crosstalk attenuation (dual
mode; complete signal path)
65
70
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com