Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMH6F Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41ST85WMH6F
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6F Datasheet(HTML) 1 Page - STMicroelectronics

  M41ST85WMH6F Datasheet HTML 1Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 2Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 3Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 4Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 5Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 6Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 7Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 8Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1/34
January 2006
M41ST85W
3.0/3.3V I2C Combination Serial RTC, NVRAM
Supervisor and Microprocessor Supervisor
Rev 8.0
KEY FEATURES
AUTOMATIC BATTERY SWITCHOVER and
WRITE PROTECT FOR:
Internal Serial RTC and
External low power SRAM (LPSRAM)
400kHz I2C SERIAL INTERFACE
3.0/3.3V OPERATING VOLTAGE
–VCC = 2.7 to 3.6V
ULTRA-LOW BATTERY SUPPLY CURRENT
of 500nA (max)
RoHS COMPLIANCE
Lead-free components are compliant with the
RoHS Directive.
Serial RTC Features
400kHz I2C
44 Bytes of General Purpose NVRAM
Counters for:
Seconds, Minutes, Hours, Day, Date,
Month, and Year
–Century
10ths/100ths of seconds
Clock Calibration register allows
compensation for crystal variations over
temperature
Programmable Alarm with Repeat Modes
Functions in Battery Back-up Mode
Power-down Timestamp (HT Bit)
2.5 to 5.5V Oscillator Operating Voltage
Microprocessor Supervisor Features
Programmable Watchdog
62.5ms to 128s time-out period
Power-on Reset/Low Voltage Detect
Open drain reset output
Reset voltage, VPFD = 2.60V (nom)
Two Reset input pins
Watchdog can be steered to Reset output
Early Power-fail Warning circuit (PFI/PFO)
with 1.25V Precision Reference
Figure 1. 28-pin SOIC Package
Figure 2. 28-pin (300mil) SOIC Package
NVRAM Supervisor Features
Non-volatizes external LPSRAM
Automatically switches to back-up battery
and deselects (write-protects) external
LPSRAM via chip-enable gate
Power-fail deselect (write protect) voltage,
VPFD = 2.60V (nom)
Switchover , VSO = 2.50V (nom)
Battery Monitor (Battery Low flag)
Other Features
Programmable Squarewave Generator (1Hz
to 32KHz)
–40°C to +85°C Operation
Package Options:
28-lead SNAPHAT® IC (SOH28)
SNAPHAT Batter/Crystal top to be
ordered separately.
28-lead Embedded Crystal SOIC
(SOX28)
28
1
SOH28 (MH)
SNAPHAT (SH)
Battery & Crystal
SOX28 (MX)
EMBEDDED Crystal


Similar Part No. - M41ST85WMH6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85WMH6F STMICROELECTRONICS-M41ST85WMH6F Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
M41ST85WMH6F STMICROELECTRONICS-M41ST85WMH6F Datasheet
630Kb / 43P
3.0/3.3 V I²C combination serial RTC, NVRAM supervisor and microprocessor supervisor
18-Mar-2024
More results

Similar Description - M41ST85WMH6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
Sep-2004
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
Serial Access Phantom RTC Supervisor
Jun-2004
M41ST95W STMICROELECTRONICS-M41ST95W Datasheet
545Kb / 35P
5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
Sep-2004
M41T315Y STMICROELECTRONICS-M41T315Y_07 Datasheet
241Kb / 30P
Serial access phantom RTC supervisor
26-Nov-2007
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2007
M41ST87Y STMICROELECTRONICS-M41ST87Y_08 Datasheet
461Kb / 48P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
10-Sep-2008
logo
Maxim Integrated Produc...
MAX6917 MAXIM-MAX6917_05 Datasheet
315Kb / 31P
I2C-Compatible RTC with Microprocessor Supervisor, Alarm, and NV RAM Controller
Rev 1; 10/05
logo
STMicroelectronics
M41ST87Y STMICROELECTRONICS-M41ST87Y_10 Datasheet
695Kb / 52P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
31-Mar-2010
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
03-Oct-2011
M41ST87W STMICROELECTRONICS-M41ST87W_11 Datasheet
787Kb / 54P
5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
03-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com