Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST85WMH6F Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41ST85WMH6F
Description  3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST85WMH6F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41ST85WMH6F Datasheet HTML 8Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 9Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 10Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 11Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 12Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 13Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 14Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 15Page - STMicroelectronics M41ST85WMH6F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
M41ST85W
12/34
WRITE Mode
In this mode the master transmitter transmits to
the M41ST85W slave receiver. Bus protocol is
shown in Figure 14.. Following the START condi-
tion and slave address, a logic '0' (R/W=0) is
placed on the bus and indicates to the addressed
device that word address An will follow and is to be
written to the on-chip address pointer. The data
word to be written to the memory is strobed in next
and the internal address pointer is incremented to
the next memory location within the RAM on the
reception
of
an
acknowledge
clock.
The
M41ST85W slave receiver will send an acknowl-
edge clock to the master transmitter after it has re-
ceived
the
slave
address
(see
Figure
11., page 10) and again after it has received the
word address and each data byte.
Figure 14. WRITE Mode Sequence
Data Retention Mode
With valid VCC applied, the M41ST85W can be ac-
cessed as described above with READ or WRITE
Cycles. Should the supply voltage decay, the
M41ST85W will automatically deselect, write pro-
tecting itself (and any external SRAM) when VCC
falls between VPFD(max) and VPFD(min). This is
accomplished by internally inhibiting access to the
clock registers. At this time, the Reset pin (RST) is
driven active and will remain active until VCC re-
turns to nominal levels. External RAM access is in-
hibited in a similar manner by forcing ECON to a
high level. This level is within 0.2 volts of the VBAT.
ECON will remain at this level as long as VCC re-
mains at an out-of-tolerance condition. When VCC
falls below the Battery Back-up Switchover Volt-
age (VSO), power input is switched from the VCC
pin to the SNAPHAT® battery, and the clock regis-
ters and external SRAM are maintained from the
attached battery supply.
All outputs become high impedance. The VOUT pin
is capable of supplying 100 µA of current to the at-
tached memory with less than 0.3 volts drop under
this condition. On power up, when VCC returns to
a nominal value, write protection continues for trec
by inhibiting ECON. The RST signal also remains
active during this time (see Figure 22., page 27).
Note: Most low power SRAMs on the market to-
day can be used with the M41ST85W RTC SU-
PERVISOR. There are, however some criteria
which should be used in making the final choice of
an SRAM to use. The SRAM must be designed in
a way where the chip enable input disables all oth-
er inputs to the SRAM. This allows inputs to the
M41ST85W and SRAMs to be “Don’t Care” once
VCC falls below VPFD(min). The SRAM should also
guarantee data retention down to VCC=2.0 volts.
The chip enable access time must be sufficient to
meet the system needs with the chip enable output
propagation delays included. If the SRAM includes
a second chip enable pin (E2), this pin should be
tied to VOUT.
If data retention lifetime is a critical parameter for
the system, it is important to review the data reten-
tion
current
specifications
for
the
particular
SRAMs being evaluated. Most SRAMs specify a
data retention current at 3.0 volts. Manufacturers
generally specify a typical condition for room tem-
perature along with a worst case condition (gener-
ally at elevated temperatures). The system level
requirements will determine the choice of which
value to use. The data retention current value of
the SRAMs can then be added to the IBAT value of
the M41ST85W to determine the total current re-
quirements for data retention. The available bat-
tery capacity for the SNAPHAT® top of your choice
can then be divided by this current to determine
the amount of data retention available (see Table
19., page 32).
For a further more detailed review of lifetime calcu-
lations, please see Application Note AN1012.
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com