Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9901TS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9901TS
Description  Wideband differential digital controlled variable gain amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9901TS Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9901TS Datasheet HTML 1Page - NXP Semiconductors TDA9901TS Datasheet HTML 2Page - NXP Semiconductors TDA9901TS Datasheet HTML 3Page - NXP Semiconductors TDA9901TS Datasheet HTML 4Page - NXP Semiconductors TDA9901TS Datasheet HTML 5Page - NXP Semiconductors TDA9901TS Datasheet HTML 6Page - NXP Semiconductors TDA9901TS Datasheet HTML 7Page - NXP Semiconductors TDA9901TS Datasheet HTML 8Page - NXP Semiconductors TDA9901TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1999 Oct 08
4
Philips Semiconductors
Product specification
Wideband differential digital controlled
variable gain amplifier
TDA9901
PINNING
SYMBOL
PIN
DESCRIPTION
GRAY0
1
digital control signal bit 0 input
(LSB)
TE
2
transparent enable input
CLK
3
clock input for gain control setting
CLKN
4
inverting clock input for gain
control setting (active low)
CMVGA
5
regulator output common mode
VGA input
IN
6
non-inverting analog input
INN
7
inverting analog input (active low)
n.c.
8
not connected
n.c.
9
not connected
n.c.
10
not connected
VDDA
11
analog supply voltage
VSSA
12
analog ground
n.c.
13
not connected
OUTN
14
inverting analog output (active low)
OUT
15
non-inverting analog output
CMADC
16
regulator output common mode
ADC input
VSSD
17
digital ground
VDDD
18
digital supply voltage
GRAY2
19
digital control signal bit 2 input
(MSB)
GRAY1
20
digital control signal bit 1 input
handbook, halfpage
GRAY0
TE
CLK
CLKN
CMVGA
IN
INN
n.c.
n.c.
n.c.
GRAY1
GRAY2
VDDD
VSSD
OUT
OUTN
CMADC
n.c.
VSSA
VDDA
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA9901TS
MGM963
Fig.2 Pin configuration.
FUNCTIONAL DESCRIPTION
The TDA9901 provides a digitally controlled variable gain function for high-frequency applications.
The TDA9901 can be operated in two different modes, depending on the value at pin TE. When TE is at logic 1, the gain
can be instantly controlled when the clock signal is HIGH (transparent mode). The gain is fixed during the LOW period
of the clock. When TE is at logic 0 the gain of the TDA9901 is changed at the rising edge of the clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com