Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9901TS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9901TS
Description  Wideband differential digital controlled variable gain amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9901TS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9901TS Datasheet HTML 9Page - NXP Semiconductors TDA9901TS Datasheet HTML 10Page - NXP Semiconductors TDA9901TS Datasheet HTML 11Page - NXP Semiconductors TDA9901TS Datasheet HTML 12Page - NXP Semiconductors TDA9901TS Datasheet HTML 13Page - NXP Semiconductors TDA9901TS Datasheet HTML 14Page - NXP Semiconductors TDA9901TS Datasheet HTML 15Page - NXP Semiconductors TDA9901TS Datasheet HTML 16Page - NXP Semiconductors TDA9901TS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1999 Oct 08
13
Philips Semiconductors
Product specification
Wideband differential digital controlled
variable gain amplifier
TDA9901
APPLICATION INFORMATION
handbook, full pagewidth
47
µF
100 nF
100 nF
47 nF
100
nF
47
µF
100
nF
47 nF
3.3 V
100 nF
5 V
GRAY0
TE
CLK
CLKN(1)
R1(2)
100
Ω
100
Ω
R2(2)
IN
INN
1:1
n.c.
n.c.
n.c.
GRAY1
GRAY2
n.c.
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA9901TS
MGM966
OUT
OUTN
VIN
Fig.11 Application diagram.
(1) Single-ended clock signal can be applied if required.
(2) R1 and R2 should be at least 680
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com