Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # KYCSLNM1.FY-LBMB-FY-R18
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 7Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 8Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 9Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 10Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 11Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 12Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 13Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 14Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
KY CSLNM1.FY
11 Version 1.1 | 2020-10-30
Max. Permissible Forward Current
I
F = f(T)
020406080
100 120
Ts /°C
0
500
1000
1500
2000
2500
3000
IF /mA
KY CSLNM1.FY
:Ts
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-6 10-5 10-4 10-3 0.01 0.11
10
Pulsetime /s
3.0
3.5
4.0
4.5
5.0
IF /A
TS =0°C ... 91°C
KY CSLNM1.FY
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle
10-6 10-5 10-4 10-3 0.01 0.11
10
Pulsetime /s
2
3
4
5
IF /A
TS = 125°C
KY CSLNM1.FY
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com