Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KYCSLNM1.FY-LBMB-FY-R18
Description  Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KYCSLNM1.FY-LBMB-FY-R18 Datasheet(HTML) 1 Page - OSRAM GmbH

  KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 1Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 2Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 3Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 4Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 5Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 6Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 7Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 8Page - OSRAM GmbH KYCSLNM1.FY-LBMB-FY-R18 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
KY CSLNM1.FY
1 Version 1.1 | 2020-10-30
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
KY CSLNM1.FY
OSRAM OSTAR® Projection Compact
Compact light source with isolated heat sink for im-
proved heat dissipation and high current chip tech-
nology for increased light output.
—
Architecture
—
Architecture / Garden Lighting (LED & Laser)
—
Mood Lighting
—
Stage Lighting (LED & Laser)
Features:
—
Package: white molded SMD ceramic package
—
Chip technology: UX:3
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: Cx = 0.57, Cy = 0.42 acc. to CIE 1931 (● converted yellow)
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - KYCSLNM1.FY-LBMB-FY-R18

ManufacturerPart #DatasheetDescription
logo
ams AG
KYCSLNM1.FY-LBMB-FY-R18 AMSCO-KYCSLNM1.FY-LBMB-FY-R18 Datasheet
1Mb / 21P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2020-10-30
More results

Similar Description - KYCSLNM1.FY-LBMB-FY-R18

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-473S CITIZEN-CL-473S Datasheet
92Kb / 1P
LED For Flash Light Source
CL-597S CITIZEN-CL-597S Datasheet
95Kb / 1P
LED For Flash Light Source
CL-473S CITIZEN-CL-473S Datasheet
296Kb / 1P
LED For Flash Light Source
logo
OSRAM GmbH
LERQ8WP-KBMA-34 OSRAM-LERQ8WP-KBMA-34 Datasheet
786Kb / 23P
Compact light source in SMT technology
LETQ8WP-MBNB-34 OSRAM-LETQ8WP-MBNB-34 Datasheet
791Kb / 23P
Compact light source in SMT technology
LETQ9WM-JXKX-25 OSRAM-LETQ9WM-JXKX-25 Datasheet
738Kb / 21P
Compact light source in SMT technology
logo
ams AG
KW2CFLNM3.TK AMSCO-KW2CFLNM3.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.0 2022-12-14
KW4CHLNM2.TK AMSCO-KW4CHLNM2.TK Datasheet
1Mb / 25P
Compact light source with isolated thermal pad for improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2021-09-01
KWCWLPM3.TK AMSCO-KWCWLPM3.TK Datasheet
1Mb / 24P
Compact light source with improved heat dissipation and small z-tolerance (/- 35 μm).
Version 1.1 2022-07-21
KYCSLNM1.FY AMSCO-KYCSLNM1.FY Datasheet
1Mb / 21P
Compact light source with isolated heat sink for improved heat dissipation and high current chip technology for increased light output.
Version 1.1 2020-10-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com