Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSC24BC02 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSC24BC02
Description  2-WIRE SERIAL EEPROMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC24BC02 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSC24BC02 Datasheet HTML 1Page - GTM CORPORATION GSC24BC02 Datasheet HTML 2Page - GTM CORPORATION GSC24BC02 Datasheet HTML 3Page - GTM CORPORATION GSC24BC02 Datasheet HTML 4Page - GTM CORPORATION GSC24BC02 Datasheet HTML 5Page - GTM CORPORATION GSC24BC02 Datasheet HTML 6Page - GTM CORPORATION GSC24BC02 Datasheet HTML 7Page - GTM CORPORATION GSC24BC02 Datasheet HTML 8Page - GTM CORPORATION GSC24BC02 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GSC24BC01/02/02/04/08/16
Page: 1/9
ISSUED DATE :2006/06/14
REVISED DATE :
G
G S
S C
C 2244B
B C
C 0011//0022//0044//0088//1166
2 - w i r e S e r i a l E E P R O M s 1 K / 2 K / 4 K / 8 K / 1 6 K
Description
The GSC24BC family provides 1K, 2K, 4K, 8K and 16K of serial electrically erasable and programmable
read-only memory (EEPROM). The wide Vdd range allows for low-voltage operation down to 1.8V. The device,
fabricated using traditional CMOS EEPROM technology, is optimized for many industrial and commercial
applications where low-voltage and low-power operation is essential. The device is accessed via a 2-wire serial
interface.
Features
&Internally organized as 128x8 (1K), 256x8 (2K)
512x8 (4K), 1024x8 (8K), 2048x8 (16K),
&Low-voltage and standard-voltage operation:
1.8V~5.5V
& ¯-wire serial interface bus
&Date retention: 100years
&High endurance: 1,000,000 Write Cycles
100KHz (1.8V) & 400KHz (5V) compatibility
&Bi-directional data transfer protocol
&Self-timed write cycle (5ms max)
&Write protect pin for hardware data protection
&8-byte page (1K, 2K) and 16-byte page (4K,8K,16K)
write modes
&Allows for partial page write
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Figure 1. Pin Configurations
Pin Name
Function
A0 – A2
Address inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
Gnd
Ground
Vcc
Power Supply
Absolute Maximum Ratings
Parameter
Ratings
Unit
Voltage on Any Pin with Respect to Ground
-0.8 to Vcc +1.5
V
Maximum Operating Voltage
6.25
V
DC Output Current
5.0
mA
Operating Temperature Range
-55 ~ +125
:
Storage Temperature Range
-65 ~ +150
:
Note: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
these specifications are not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - GSC24BC02

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSC24BC01 ETL-GSC24BC01 Datasheet
296Kb / 9P
2 - w i r e S e r i a l E E P RO Ms 1 K / 2 K / 4 K / 8 K / 1 6 K
GSC24BC01-16 ETL-GSC24BC01-16 Datasheet
296Kb / 9P
2 - w i r e S e r i a l E E P RO Ms 1 K / 2 K / 4 K / 8 K / 1 6 K
More results

Similar Description - GSC24BC02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
4-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
Three-wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
2-wire Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
Two-wire Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
2-wire Automotive Temperature Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com