Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4822G-S08-R Datasheet(PDF) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # UT4822G-S08-R
Description  Dual N-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

UT4822G-S08-R Datasheet(HTML) 1 Page - BYCHIP ELECTRONICS CO., LIMITED

  UT4822G-S08-R Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED UT4822G-S08-R Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED UT4822G-S08-R Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED UT4822G-S08-R Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum ratings, at T j=25 °C, unless otherwise specified
Symbol
Parameter
Rating
Unit
(BR)DSS
V
Drain-Source breakdown voltage
30
V
S
I
Diode continuous forward current
A
T =25°C
2.3
A
D
I
Continuous drain current @VGS=10V
A
T =25°C
9
A
A
T =100°C
5.7
A
DM
I
Pulse drain current tested ①
A
T =25°C
36
A
EAS
Avalanche energy, single pulsed ②
9
mJ
D
P
Maximum power dissipation
A
T =25°C
2
W
VGS
Gate-Source voltage
±20
V
MSL
Level 3
STG
T
J
T
Storage and operating temperature range
-55 to 150
°C
Thermal Characteristics
Symbol
Parameter
Typical
Unit
RθJL
Thermal Resistance-Junction to Lead
40
°C/W
JA
R
Thermal Resistance-Junction to Ambient
62.5
°C/W
Dual N-channel Enhancement Mode Power MOSFET
Features
 VDS=
30V, ID= 9 A
RDS(ON) <
16 mΩ @ VGS = 10V
RDS(ON) <
24 mΩ @ VGS = 4.5V
●
Advanced Trench Technology
●
Provide Excellent RDS(ON) and Low Gate
Charge
●
Lead Free and Green Available
100% UIS TESTED!
100% ΔVds TESTED!
General Features
SOP-8 (Dual)
Schematic diagram
www.bychip.cn
Pin Assignment
UT4822G-S08-R
v1.0


Similar Part No. - UT4822G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4822G-S08-R UTC-UT4822G-S08-R Datasheet
198Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE
UT4822G-S08-R UTC-UT4822G-S08-R Datasheet
268Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UT4822G-S08-R DOINGTER-UT4822G-S08-R Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UT4822G-S08-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTDN9971Q8 CYSTEKEC-MTDN9971Q8 Datasheet
468Kb / 5P
Dual N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Unisonic Technologies
10NN15 UTC-10NN15_15 Datasheet
201Kb / 3P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTB60A06DH8 CYSTEKEC-MTB60A06DH8 Datasheet
580Kb / 10P
Dual N-Channel Enhancement Mode Power MOSFET
MTA020A01Q8 CYSTEKEC-MTA020A01Q8 Datasheet
455Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB100A10KRQ8 CYSTEKEC-MTB100A10KRQ8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTDA0A10Q8 CYSTEKEC-MTDA0A10Q8 Datasheet
454Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB20A04Q8 CYSTEKEC-MTB20A04Q8 Datasheet
422Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTE080A10Q8 CYSTEKEC-MTE080A10Q8 Datasheet
456Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
MTB095A10KRQ8 CYSTEKEC-MTB095A10KRQ8 Datasheet
457Kb / 9P
Dual N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com