Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4822G-S08-R Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # UT4822G-S08-R
Description  Dual N-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

UT4822G-S08-R Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  UT4822G-S08-R Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED UT4822G-S08-R Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED UT4822G-S08-R Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED UT4822G-S08-R Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Static Electrical Characteristics @ TJ = 25°C (unless otherwise stated)
(BR)DSS
V
Drain-Source Breakdown Voltage
VGS=0V, ID=250μA
30
--
--
V
DSS
I
Zero Gate Voltage Drain Current(Tc=25℃)
VDS=30V,VGS=0V
--
--
1
μA
Zero Gate Voltage Drain Current(Tc=125℃)
VDS=30V,VGS=0V
--
--
100
μA
GSS
I
Gate-Body Leakage Current
VGS=±20V,VDS=0V
--
--
±100
nA
GS(TH)
V
Gate Threshold Voltage
VDS=VGS,ID=250μA
1
2.5
V
DS(ON)
R
Drain-Source On-State Resistance ②
VGS=10V, ID=8A
--
16
mΩ
DS(ON)
R
Drain-Source On-State Resistance ②
VGS=4.5V, ID=4A
--
24
mΩ
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise stated)
iss
C
Input Capacitance
VDS=15V,VGS=0V,
f=1MHz
--
455
--
pF
oss
C
Output Capacitance
--
75
--
pF
rss
C
Reverse Transfer Capacitance
--
60
--
pF
g
R
Gate Resistance
f=1MHz
--
3.3
--
Ω
g
Q
Total Gate Charge
VDS=15V,ID=8A,
VGS=10V
--
11
--
nC
gs
Q
Gate-Source Charge
--
3
--
nC
gd
Q
Gate-Drain Charge
--
4
--
nC
Switching Characteristics
d(on)
t
Turn-on Delay Time
VDD=15V,
ID=8A,
RG=3Ω,
VGS=10V
--
7
--
ns
r
t
Turn-on Rise Time
--
10
--
ns
d(off)
t
Turn-Off Delay Time
--
22
--
ns
f
t
Turn-Off Fall Time
--
7
--
ns
Source- Drain Diode Characteristics@ TJ = 25°C (unless otherwise stated)
SD
V
Forward on voltage
ISD=8A,VGS=0V
--
0.9
1.2
V
rr
t
Reverse Recovery Time
Tj=25℃,Isd=8A,
VGS=0V
di/dt=500A/μs
--
9.5
--
ns
rr
Q
Reverse Recovery Charge
--
11.8
--
nC
NOTE:
① Repetitive rating; pulse width limited by max. junction temperature.
② Limited by TJmax, starting TJ = 25°C, L = 0.5mH,RG = 25Ω, IAS = 6A, VGS =10V. Part not recommended for use above this value
③ Pulse width ≤ 300μs; duty cycle≤ 2%.
Electrical Characteristics
www.bychip.cn
UT4822G-S08-R
v2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com