Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLZ44ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLZ44ZPBF
Description  AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRLZ44ZPBF Datasheet HTML 1Page - International Rectifier IRLZ44ZPBF Datasheet HTML 2Page - International Rectifier IRLZ44ZPBF Datasheet HTML 3Page - International Rectifier IRLZ44ZPBF Datasheet HTML 4Page - International Rectifier IRLZ44ZPBF Datasheet HTML 5Page - International Rectifier IRLZ44ZPBF Datasheet HTML 6Page - International Rectifier IRLZ44ZPBF Datasheet HTML 7Page - International Rectifier IRLZ44ZPBF Datasheet HTML 8Page - International Rectifier IRLZ44ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
7/21/04
www.irf.com
1
AUTOMOTIVE MOSFET
PD - 95539
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 13.5mΩ
ID = 51A
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low on-
resistance per silicon area. Additional features of
this design are a 175°C junction operating tempera-
ture, fast switching speed and improved repetitive
avalanche rating . These features combine to make
this design an extremely efficient and reliable device
for use in Automotive applications and a wide variety
of other applications.
S
D
G
Description
l
Logic Level
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Features
IRLZ44ZPbF
IRLZ44ZSPbF
IRLZ44ZLPbF
D2Pak
IRLZ44ZS
TO-220AB
IRLZ44Z
TO-262
IRLZ44ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
i
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
k
–––
1.87
°C/W
RθCS
Case-to-Sink, Flat Greased Surface
ik
0.50
–––
RθJA
Junction-to-Ambient
ik
–––
62
RθJA
Junction-to-Ambient (PCB Mount)
jk
–––
40
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
80
0.53
± 16
Max.
51
36
204
110
78
See Fig.12a, 12b, 15, 16


Similar Part No. - IRLZ44ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44ZPBF IRF-IRLZ44ZPBF Datasheet
387Kb / 12P
Advnaced Process Technology
IRLZ44ZPBF IRF-IRLZ44ZPBF_10 Datasheet
387Kb / 12P
Logic Level, Advanced Process Technology, Ultra Low On-Resistance
IRLZ44ZPBF IRF-IRLZ44ZPBF_15 Datasheet
387Kb / 12P
Advnaced Process Technology
More results

Similar Description - IRLZ44ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44Z IRF-IRFZ44Z Datasheet
333Kb / 12P
Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
812Kb / 13P
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com