Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16178P Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA16178P
Description  Power Factor Correction Controller IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16178P Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA16178P Datasheet HTML 9Page - Renesas Technology Corp HA16178P Datasheet HTML 10Page - Renesas Technology Corp HA16178P Datasheet HTML 11Page - Renesas Technology Corp HA16178P Datasheet HTML 12Page - Renesas Technology Corp HA16178P Datasheet HTML 13Page - Renesas Technology Corp HA16178P Datasheet HTML 14Page - Renesas Technology Corp HA16178P Datasheet HTML 15Page - Renesas Technology Corp HA16178P Datasheet HTML 16Page - Renesas Technology Corp HA16178P Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
HA16178P/FP
REJ03D0903-0100 Rev.1.00 Jun 12, 2007
Page 13 of 24
Description of Functions
1. UVL Circuit
The UVL circuit monitors the Vcc voltage. When the voltage is lower than 9.0 V, the IC is stopped. When the voltage
is higher than 10.5 V, IC is started.
When operation of the IC is stopped by the UVL circuit, the driver circuit output is fixed low, output of VREF is
stopped, and the oscillator is stopped.
VREF
VCC
10.5 V (VH)
5 V
4.0 V
CT
CAO
9 V (VL)
OUT
Figure 1 UVL Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com