Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA16178P Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HA16178P
Description  Power Factor Correction Controller IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA16178P Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HA16178P Datasheet HTML 17Page - Renesas Technology Corp HA16178P Datasheet HTML 18Page - Renesas Technology Corp HA16178P Datasheet HTML 19Page - Renesas Technology Corp HA16178P Datasheet HTML 20Page - Renesas Technology Corp HA16178P Datasheet HTML 21Page - Renesas Technology Corp HA16178P Datasheet HTML 22Page - Renesas Technology Corp HA16178P Datasheet HTML 23Page - Renesas Technology Corp HA16178P Datasheet HTML 24Page - Renesas Technology Corp HA16178P Datasheet HTML 25Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
HA16178P/FP
REJ03D0903-0100 Rev.1.00 Jun 12, 2007
Page 21 of 24
–80
–60
–40
–20
0
20
40
60
80
10E+0
100E+0
1E+3
10E+3
100E+3
1E+6
10E+6
–200
–150
–100
–50
0
0
50
100
150
200
–80
–60
–40
–20
0
20
40
60
80
–200
–150
–100
–50
50
100
150
200
Frequency f (Hz)
10E+0
100E+0
1E+3
10E+3
100E+3
1E+6
10E+6
Frequency f (Hz)
Vamp Frequency Characteristics
Camp Frequency Characteristics
Ta = 25°C
Vcc = 12 V
Ta = 25°C
Vcc = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com