Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA13166H Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HA13166H
Description  Multiple Voltage Regulator for Car Audio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13166H Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HA13166H Datasheet HTML 9Page - Renesas Technology Corp HA13166H Datasheet HTML 10Page - Renesas Technology Corp HA13166H Datasheet HTML 11Page - Renesas Technology Corp HA13166H Datasheet HTML 12Page - Renesas Technology Corp HA13166H Datasheet HTML 13Page - Renesas Technology Corp HA13166H Datasheet HTML 14Page - Renesas Technology Corp HA13166H Datasheet HTML 15Page - Renesas Technology Corp HA13166H Datasheet HTML 16Page - Renesas Technology Corp HA13166H Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
HA13166H
Rev.1.00 Jan 16, 2007 page 13 of 18
0
2
4
6
10
14
8
12
Vo-Io Characteristics EXT Output
Vo-Io Characteristics ANT Output
0
400
800
200
600
1000
Io (mA)
0
2
4
6
10
14
8
12
0
400
800
200
600
1000
Io (mA)
Vcc = 13.2 V
Vcc = 13.2 V
25°C
100°C
–40°C
11.7 V
≤ Vo ≤ 13.2 V
Io
≥ 300 mA
11.7 V
≤ Vo ≤ 13.2 V
Io
≥ 300 mA
25°C
100°C
–40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com