Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA13166H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA13166H
Description  Multiple Voltage Regulator for Car Audio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13166H Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA13166H Datasheet HTML 1Page - Renesas Technology Corp HA13166H Datasheet HTML 2Page - Renesas Technology Corp HA13166H Datasheet HTML 3Page - Renesas Technology Corp HA13166H Datasheet HTML 4Page - Renesas Technology Corp HA13166H Datasheet HTML 5Page - Renesas Technology Corp HA13166H Datasheet HTML 6Page - Renesas Technology Corp HA13166H Datasheet HTML 7Page - Renesas Technology Corp HA13166H Datasheet HTML 8Page - Renesas Technology Corp HA13166H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
HA13166H
Rev.1.00 Jan 16, 2007 page 2 of 18
Pin Description and Equivalent Circuit
Function
Pin
No.
Pin Name
Specification
Equivalent Circuit
Normal Operation
TSD
Surge
Input
1
EXT OUT
VCC-1 V/300 mA min
Output voltage is VCC-1
V when M or H level
applied to CTRL pin.
0 V
0 V
2
ANT OUT
VCC-1 V/300 mA min
Vcc
90 k
Ω
Vcc
10 k
Ω
Output voltage is VCC-1
V when M or H level to
CTRL pin and H level to
ANT-CTRL.
0 V
0 V
3
ACC IN
—
15 k
Ω
45 k
Ω
Connected to VCC.
—
—
4
VDD OUT
5.7 V/100 mA min
Vcc
215 k
Ω
Vcc
63 k
Ω
Regular 5.7 V.
5.7 V
0 V
5
SW5V OUT
5.0 V/100 mA min
Output voltage is 5 V
when M or H level
applied to CTRL pin.
0 V
0 V
6
COMP OUT
5.0 V/100 mA min
Vcc
50 k
Ω
VDD
Output for ACC detector
0 V
0 V
7
ANT CTRL
—
49 k
Ω
51 k
Ω
L: ANT output OFF
H: ANT output ON
—
—
8
VCC
—
Connected to VCC
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com