Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC809-5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC809-5
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809-5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC809-5 Datasheet HTML 1Page - Micrel Semiconductor MIC809-5 Datasheet HTML 2Page - Micrel Semiconductor MIC809-5 Datasheet HTML 3Page - Micrel Semiconductor MIC809-5 Datasheet HTML 4Page - Micrel Semiconductor MIC809-5 Datasheet HTML 5Page - Micrel Semiconductor MIC809-5 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
July 2005
3
M9999-071305
MIC809-5
Micrel
Absolute Maximum Ratings(1)
Terminal Voltage (VCC).................................–0.3V to +6.0V
Input Current (VCC)..................................................... 20mA
Output Current (/RESET, RESET).............................. 20mA
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature (TS) .......................... –65°C to 150°C
Rate of Rise (VCC).................................................. 100V/µs
ESD Rating(3) ................................................................ 3kV
Operating Ratings(2)
Ambient Temperature (TA).......................... –40°C to +85°C
Power Dissipation (TA = +70°C) ..............................320mW
Electrical Characteristics
For typical values, VCC = 3.3V, TA = 25°C; bold are for –40°C to +85°C; unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Operating Voltage Range
TA = –40°C to 85°C
1
5.5
V
ICC
Supply Current
VCC < 3.6V
5
10
µA
VTH
Reset Voltage Threshold
S Voltage Options
2.85
2.93
3.00
V
VHYST
Typical hysteresis
5
mV
tRST
Reset Timeout Period
30
66
ms
tPROP
Propogation delay
/RESET < VOL, 100mV Overdrive
14.5
µs
VOH
/RESET Output Voltage High
ISOURCE = 500µA
0.8×VCC
V
VOL
/RESET Output Voltage Low
VCC = VTH min., ISINK = 1.2mA
0.3
V
VCC > 1V, ISINK = 50µA
0.3
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Timing Diagram
/RESET
VCC
VTH
VTH
tRST
tRST
Reset Timing Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com