Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC809-5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC809-5
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809-5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC809-5 Datasheet HTML 1Page - Micrel Semiconductor MIC809-5 Datasheet HTML 2Page - Micrel Semiconductor MIC809-5 Datasheet HTML 3Page - Micrel Semiconductor MIC809-5 Datasheet HTML 4Page - Micrel Semiconductor MIC809-5 Datasheet HTML 5Page - Micrel Semiconductor MIC809-5 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
July 2005
1
M9999-071305
MIC809-5
Micrel
MIC809-5
Microprocessor Reset Circuit
General Description
The MIC809-5 is a power supply supervisor that provides
under-voltage monitoring and power-on reset generation in
an industry standard 3-pin SOT package and SC-70 pack-
age. The reset output is asserted at power-on and any time
the input voltage drops below the programmed threshold. It
remains asserted for 30ms (min.) after the input subsequently
rises back above the threshold boundary. The MIC809-5 has
an active-low reset output.
The MIC809-5 is inherently immune to brief power supply
transients. Typical supply current is a low 5µA. For those
applications that require a manual reset function, see the
MIC811/812. For those applications that require a longer
reset timeout, see the MIC809/810. (The MIC809-5 is identi-
cal to the industry-standard MIC809 with the exception of a
shorter reset timeout).
Typical Application
VCC
/RESET
µP
/RESET
MIC809-5
VCC
VCC
Features
• Under-voltage monitor
• Power-on reset generation (30ms minimum)
• Choice of threshold voltages
• Active-low reset output
• No external components required
• Rejects brief input transients
• Industry standard package and pinout
• 3-pin IttyBitty™ SOT23-3 package and SC-70 package
Applications
• PDAs, hand-held PCs
• Embedded controllers
• Telecommunications systems
• Power supplies
• Wireless/cellular systems
• Networking hardware
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Typical
Nominal
Application
Threshold
tRST
Operating
Part Number
Marking
Voltage*
Voltage
(ms)
Temp. Range
Package
Pb-Free
MIC809-5SU
IX
3.3V±5%
2.93
30
–40°C to +85°C
SOT23-3
No
MIC809-5SBC3
IX
3.3V±5%
2.93
30
–40°C to +85°C
SC70-3
No
MIC809-5SUY
IX
3.3V±5%
2.93
30
–40°C to +85°C
SOT23-3
Yes
MIC809-5SYC3
IX
3.3V±5%
2.93
30
–40°C to +85°C
SC70-3
Yes
*Other voltages available. Contact Micrel for details. Minimum order may apply.
IttyBitty is a trademark of Micrel, Inc.


Similar Part No. - MIC809-5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809 Datasheet
288Kb / 6P
Microprocessor Reset Circuits
MIC809 MICREL-MIC809 Datasheet
603Kb / 10P
Microprocessor Reset Circuits
MIC809JBC3 MICREL-MIC809JBC3 Datasheet
285Kb / 6P
Microprocessor Reset Circuits
MIC809JU MICREL-MIC809JU Datasheet
285Kb / 6P
Microprocessor Reset Circuits
More results

Similar Description - MIC809-5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815 Datasheet
161Kb / 8P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS803R TSC-TS803R Datasheet
135Kb / 5P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC1815 MICREL-MIC1815_05 Datasheet
237Kb / 6P
Microprocessor Reset Circuit
MIC8114 MICREL-MIC8114_05 Datasheet
264Kb / 6P
Microprocessor Reset Circuit
logo
Taiwan Semiconductor Co...
TS3809-10 TSC-TS3809-10_11 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809-10 TSC-TS3809-10 Datasheet
212Kb / 7P
Microprocessor Reset Circuit
TS3809 TSC-TS3809_15 Datasheet
260Kb / 8P
Microprocessor Reset Circuit
logo
Micrel Semiconductor
MIC8115 MICREL-MIC8115_15 Datasheet
505Kb / 7P
Microprocessor Reset Circuit
logo
Microchip Technology
MIC8115 MICROCHIP-MIC8115 Datasheet
761Kb / 14P
Microprocessor Reset Circuit
09/14/21
logo
TECH PUBLIC Electronics...
MAX810 TECHPUBLIC-MAX810 Datasheet
2Mb / 7P
Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com