Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069N Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TEA1069N
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069N Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TEA1069N Datasheet HTML 19Page - NXP Semiconductors TEA1069N Datasheet HTML 20Page - NXP Semiconductors TEA1069N Datasheet HTML 21Page - NXP Semiconductors TEA1069N Datasheet HTML 22Page - NXP Semiconductors TEA1069N Datasheet HTML 23Page - NXP Semiconductors TEA1069N Datasheet HTML 24Page - NXP Semiconductors TEA1069N Datasheet HTML 25Page - NXP Semiconductors TEA1069N Datasheet HTML 26Page - NXP Semiconductors TEA1069N Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
1998 Jan 08
23
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
The STD contains the states (rectangles in the figure) and
state transitions (arrows) of the set. The upper arrow in the
figure pointing to the standby state means that the set is
initially in the standby state. When for instance an
incoming call is detected, the set enters the ringer state,
waiting for a reaction of the user. If the user answers the
call on a handset, the set enters the on-line state.
The TEA1069 and TEA1069A have 3 basic states:
• Standby state
• Ringer state
• On-line state.
Each state with its own functional requirements is
described in the following sections.
STANDBY STATE
In standby state the TEA1069 and TEA1069A are inactive.
The current drawn is for memory retention and depends on
the loads of the inputs/outputs of the dialler. In this state
output DP/FL is HIGH so that the line is disconnected.
The ICs leave the standby state if:
• The set goes off-hook (lift handset or press [HOOK])
• A ringer-signal is available on the line.
The ICs go to the standby state if:
• The set goes on-hook
(handset on the cradle or press [HOOK])
• A line-break occurs for at least the reset delay time (trd)
• The ringer-signal becomes invalid.
RINGER STATE
If the set is in standby mode, a ringer signal can be
received from the line. After evaluating the incoming ringer
signal (and ringer signal is valid), the TEA1069 and
TEA1069A start a melody via the TONE output ringer
hardware, and stops this melody if the ringer signal is not
valid any more. After going off-hook, the ringer signal stops
and the set is in conversation (on-line) state.
During a ringer burst the ringer volume can be changed
according to Fig.24 and melodies can be changed
according to Table 7.
Table 7
Melody selection
ON-LINE STATE
In this paragraph all the actions of the TEA1069 and
TEA1069A during on-line state are described. The on-line
mode starts with making output DP/FL LOW, which makes
line current flow possible. The on-line state contains a
number of sub-states (see Fig.22):
• Conversation state
• Dialling state
• Memory recall state
• Program state.
MELODY
KEY
Bell 1
[1]
Bell 2
[2]
Bell 3
[3]
Bell 4
[4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com