Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069N Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TEA1069N
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069N Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TEA1069N Datasheet HTML 26Page - NXP Semiconductors TEA1069N Datasheet HTML 27Page - NXP Semiconductors TEA1069N Datasheet HTML 28Page - NXP Semiconductors TEA1069N Datasheet HTML 29Page - NXP Semiconductors TEA1069N Datasheet HTML 30Page - NXP Semiconductors TEA1069N Datasheet HTML 31Page - NXP Semiconductors TEA1069N Datasheet HTML 32Page - NXP Semiconductors TEA1069N Datasheet HTML 33Page - NXP Semiconductors TEA1069N Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
1998 Jan 08
30
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
(1) Tamb =40 °C; Ptot = 665 mW.
(2) Tamb =50 °C; Ptot = 590 mW.
(3) Tamb =60 °C; Ptot = 460 mW.
(4) Tamb =70 °C; Ptot = 300 mW.
Fig.27 TEA1069H and TEA1069AH safe operating area.
Note: calculations based upon negligible dialler and ringer parts output power (null port sink current).
handbook, full pagewidth
12
11
VLN − VSLPE (V)
160
140
Iline
(mA)
20
2
3
456
(2)
78
9
10
MBH785
100
60
40
120
80
(1)
(4)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com