Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2012 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAF2012
Description  Silicon N Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2012 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAF2012 Datasheet HTML 1Page - Renesas Technology Corp HAF2012 Datasheet HTML 2Page - Renesas Technology Corp HAF2012 Datasheet HTML 3Page - Renesas Technology Corp HAF2012 Datasheet HTML 4Page - Renesas Technology Corp HAF2012 Datasheet HTML 5Page - Renesas Technology Corp HAF2012 Datasheet HTML 6Page - Renesas Technology Corp HAF2012 Datasheet HTML 7Page - Renesas Technology Corp HAF2012 Datasheet HTML 8Page - Renesas Technology Corp HAF2012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAF2012(L), HAF2012(S)
REJ03G1139-0400 Rev.4.00 Jul 13, 2007
Page 4 of 9
Main Characteristics
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
50
0
10
20
30
40
0
2
468
10
50
0
10
20
30
40
012345
80
0
20
40
60
0
50
100
150
200
VDS = 10 V
Pulse Test
10 V
4 V
5 V
6 V
8 V
3.5 V
VGS = 3 V
Pulse Test
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
2.0
0
0.4
0.8
1.2
1.6
02
4
6
8
10
Pulse Test
ID = 20 A
5 A
10 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
0.1
0.05
0.02
0.01
520
50
1
10
100 200
2
0.5
0.2
VGS = 4 V
10 V
Pulse Test
75°C
Tc = –25°C
25°C
500
100
200
20
50
10
2
5
1
0.5
0.3
0.3 0.5
1
2
5
10
20
50 100
Ta = 25
°C
20
µs
100
µs
1 ms
PW
=
10
ms
DC
Operation
(Tc
=
25
°C)
Operation in this area
is limited by RDS (on)
Thermal shut down
Operation area



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com