Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF2012 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAF2012
Description  Silicon N Channel MOS FET Series Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2012 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAF2012 Datasheet HTML 1Page - Renesas Technology Corp HAF2012 Datasheet HTML 2Page - Renesas Technology Corp HAF2012 Datasheet HTML 3Page - Renesas Technology Corp HAF2012 Datasheet HTML 4Page - Renesas Technology Corp HAF2012 Datasheet HTML 5Page - Renesas Technology Corp HAF2012 Datasheet HTML 6Page - Renesas Technology Corp HAF2012 Datasheet HTML 7Page - Renesas Technology Corp HAF2012 Datasheet HTML 8Page - Renesas Technology Corp HAF2012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REJ03G1139-0400 Rev.4.00 Jul 13, 2007
Page 1 of 9
HAF2012(L), HAF2012(S)
Silicon N Channel MOS FET Series
Power Switching
REJ03G1139-0400
Rev.4.00
Jul 13, 2007
Description
This FET has the over temperature shut-down capability sensing to the junction temperature.
This FET has the built-in over temperature shut-down circuit in the gate area. And this circuit operation to shut-down
the gate voltage in case of high junction temperature like applying over power consumption, over current etc.
Features
• Logic level operation (4 to 6 V Gate drive)
• High endurance capability against to the short circuit
• Built-in the over temperature shut-down circuit
• Latch type shut-down operation (Need 0 voltage recovery)
Outline
RENESAS Package code: PRSS0004AE-A
(Package name: LDPAK (L) )
RENESAS Package code: PRSS0004AE-B
(Package name: LDPAK (S)-(1) )
1. Gate
2. Drain
3. Source
4. Drain
1
2
3
4
1
2
3
4
D
S
G
Gate Resistor
Tempe-
rature
Sensing
Circuit
Latch
Circuit
Gate
Shut-
down
Circuit


Similar Part No. - HAF2012

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2011 HITACHI-HAF2011 Datasheet
34Kb / 6P
Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2011 RENESAS-HAF2011 Datasheet
121Kb / 9P
Silicon N Channel MOS FET Series Power Switching
HAF2011(L) RENESAS-HAF2011(L)_15 Datasheet
137Kb / 11P
Silicon N Channel MOS FET Series Power Switching
logo
Hitachi Semiconductor
HAF2011L HITACHI-HAF2011L Datasheet
34Kb / 6P
Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
HAF2011L RENESAS-HAF2011L Datasheet
121Kb / 9P
Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - HAF2012

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2011 HITACHI-HAF2011 Datasheet
34Kb / 6P
Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
RJF0605JPD RENESAS-RJF0605JPD Datasheet
63Kb / 4P
Silicon N Channel MOS FET Series Power Switching
RJF0606JPE RENESAS-RJF0606JPE Datasheet
63Kb / 4P
Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP Datasheet
104Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0605DPD RENESAS-RJF0605DPD Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0611DPE RENESAS-RJF0611DPE Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0611JPD RENESAS-RJF0611JPD_15 Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0605DPD RENESAS-RJF0605DPD_15 Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0610DSP RENESAS-RJF0610DSP_15 Datasheet
104Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP_15 Datasheet
104Kb / 8P
Silicon N Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com