Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069AH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TEA1069AH
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069AH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TEA1069AH Datasheet HTML 9Page - NXP Semiconductors TEA1069AH Datasheet HTML 10Page - NXP Semiconductors TEA1069AH Datasheet HTML 11Page - NXP Semiconductors TEA1069AH Datasheet HTML 12Page - NXP Semiconductors TEA1069AH Datasheet HTML 13Page - NXP Semiconductors TEA1069AH Datasheet HTML 14Page - NXP Semiconductors TEA1069AH Datasheet HTML 15Page - NXP Semiconductors TEA1069AH Datasheet HTML 16Page - NXP Semiconductors TEA1069AH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
1998 Jan 08
13
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
SIDETONE SUPPRESSION
Suppression of the transmitted signal in the earpiece is
obtained by the anti-sidetone network comprising R1//Zline,
R2, R3, R8, R9 and Zbal (see Fig.10). The maximum
compensation is obtained when the following conditions
are fulfilled:
(1)
(2)
(3)
The scale factor k is chosen to meet the compatibility with
a standard capacitor from the E6 or E12 series for Zline.
In practice, Zline varies considerably with the line type and
length. Therefore, the value chosen for Zbal should be for
an average line length thus giving optimum setting for
short or long lines.
Example: the balance impedance Zbal at which the
optimum suppression is present can be calculated as
R9
R2
×
R1
R3
R8
+
()
×
=
kR3
R8
R9
+
()
R2
R9
×
()
-----------------------------
×
=
Z
bal
kZ
line
×
=
follows:
suppose Zline = 210 Ω + (1265 Ω//140 nF) representing a
5 km line of 0.5 mm diameter, copper, twisted-pair cable
matched to 600
Ω (176 Ω/km; 38 nF/km).
When k = 0.64 then R8 = 390
Ω;
Zbal = 130 Ω + (820 Ω//220 nF).
The anti-sidetone network for the TEA1069 and
TEA1069A shown in Fig.10 attenuates the signal received
from the line by 32 dB before it enters the receiving
amplifier.
The attenuation is almost constant over the whole
audio-frequency range. Figure 11 shows a conventional
Wheatstone bridge anti-sidetone circuit that can be used
as an alternative. Both bridge types can be used with
either resistive or complex set impedances. More
information on the balancing of anti-sidetone bridges can
be found in our publication
“Applications Handbook for
Wired telecom systems, IC03b”, order number
9397 750 00811.
Fig.10 Equivalent circuit of TEA1069 and TEA1069A anti-sidetone bridge.
handbook, full pagewidth
MSA500 - 1
IR
R3
R8
SLPE
R9
Zline
VEE
Zbal
im
Rt
R1
R2
LN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com