Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069AH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TEA1069AH
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069AH Datasheet(HTML) 3 Page - NXP Semiconductors

  TEA1069AH Datasheet HTML 1Page - NXP Semiconductors TEA1069AH Datasheet HTML 2Page - NXP Semiconductors TEA1069AH Datasheet HTML 3Page - NXP Semiconductors TEA1069AH Datasheet HTML 4Page - NXP Semiconductors TEA1069AH Datasheet HTML 5Page - NXP Semiconductors TEA1069AH Datasheet HTML 6Page - NXP Semiconductors TEA1069AH Datasheet HTML 7Page - NXP Semiconductors TEA1069AH Datasheet HTML 8Page - NXP Semiconductors TEA1069AH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1998 Jan 08
3
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Ringer part
The ringer part offers a discriminator input which enables the tone output as soon as a valid ring frequency is detected.
It offers a melody based on 3 tones with programmable melody and volume via keyboard.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA1069N
SDIP42
plastic shrink dual in-line package; 42 leads (600 mil)
SOT270-1
TEA1069H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
TEA1069AH
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com