Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSS6900S Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSS6900S
Description  DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS6900S Datasheet(HTML) 3 Page - GTM CORPORATION

  GSS6900S Datasheet HTML 1Page - GTM CORPORATION GSS6900S Datasheet HTML 2Page - GTM CORPORATION GSS6900S Datasheet HTML 3Page - GTM CORPORATION GSS6900S Datasheet HTML 4Page - GTM CORPORATION GSS6900S Datasheet HTML 5Page - GTM CORPORATION GSS6900S Datasheet HTML 6Page - GTM CORPORATION GSS6900S Datasheet HTML 7Page - GTM CORPORATION GSS6900S Datasheet HTML 8Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
GSS4816S
Page: 3/8
ISSUED DATE :2006/04/28
REVISED DATE :
CH-2 Electrical Characteristics (Tj = 25 :::: unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
0.1
-
V/ :
Reference to 25 , I
:
D=1mA
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
11
-
S
VDS=10V, ID=9A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±20V
Drain-Source Leakage Current(Tj=25 )
:
-
-
100
uA
VDS=30V, VGS=0
Drain-Source Leakage Current(Tj=70 )
:
IDSS
-
-
1
mA
VDS=24V, VGS=0
-
-
22
VGS=10V, ID=9A
Static Drain-Source On-Resistance2
RDS(ON)
-
29
m
VGS=4.5V, ID=7A
Total Gate Charge2
Qg
-
25
40
Gate-Source Charge
Qgs
-
4
-
Gate-Drain (“Miller”) Change
Qgd
-
7
-
nC
ID=7A
VDS=24V
VGS=10V
Turn-on Delay Time2
Td(on)
-
10
-
Rise Time
Tr
-
6
-
Turn-off Delay Time
Td(off)
-
26
-
Fall Time
Tf
-
12
-
ns
VDS=20V
ID=1A
VGS=10
RG=5.7
RD=20
Input Capacitance
Ciss
-
1170
1860
Output Capacitance
Coss
-
205
-
Reverse Transfer Capacitance
Crss
-
142
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Gate Resistance
Rg
-
1.7
-
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.2
V
IS=2.6A, VGS=0V
Reverse Recovery Time2
Trr
-
21
-
ns
Reverse Recovery Charge
Qrr
-
16
-
nC
IS=7A, VGS=0V
dI/dt=100A/ s
Schottky Characteristics @ Tj=25 (unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage Drop
VF
-
0.47
0.5
V
IF=1A
-
0.004
0.2
mA VR=30V
Max. Reverse Leakage Current
IRM
-
0.5
1
mA VR=30V, Tj=100 :
Junction Capacitance
CT
-
66
-
pF
VR=10V
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board, t 10sec.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com