Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSS6900S Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSS6900S
Description  DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS6900S Datasheet(HTML) 1 Page - GTM CORPORATION

  GSS6900S Datasheet HTML 1Page - GTM CORPORATION GSS6900S Datasheet HTML 2Page - GTM CORPORATION GSS6900S Datasheet HTML 3Page - GTM CORPORATION GSS6900S Datasheet HTML 4Page - GTM CORPORATION GSS6900S Datasheet HTML 5Page - GTM CORPORATION GSS6900S Datasheet HTML 6Page - GTM CORPORATION GSS6900S Datasheet HTML 7Page - GTM CORPORATION GSS6900S Datasheet HTML 8Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
GSS4816S
Page: 1/8
ISSUED DATE :2006/04/28
REVISED DATE :
G
G S
S S
S 66990000S
S
DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
Description
The GSS6900S provide the designer with the best combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all commercial-industrial surface mount applications and suited
for low voltage applications such as DC/DC converters.
Features
*Simple Drive Requirement
*DC-DC Converter Suitable
*Fast Switching Performance
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Ratings
Parameter
Symbol
CH-1
CH-2
Unit
Drain-Source Voltage
VDS
30
30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current3
ID @TA=25 :
5.7
9.8
A
Continuous Drain Current3
ID @TA=70 :
4.6
7.8
A
Pulsed Drain Current1
IDM
20
30
A
Total Power Dissipation
PD @TA=25 :
1.4
3.1
W
Linear Derating Factor
0.01
0.02
W/ :
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ +150
:
Thermal Data
Value
Parameter
Symbol
Typ.
Max.
Unit
Thermal Resistance Junction-ambient3
Rthj-a(CH-1)
70
90
: /W
Thermal Resistance Junction-ambient3
Rthj-a(CH-2)
42
40
: /W
Thermal Resistance Junction-ambient3
Rthj-a(Schottky)
52
60
: /W
Pb Free Plating Product
CH1 BVDSS
30V
N-CH RDS(ON) 30m
N-CH ID
5.7A
CH2 BVDSS
30V
N-CH RDS(ON) 22m
N-CH ID
9.8A


Similar Part No. - GSS6900S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS6982 GTM-GSS6982 Datasheet
482Kb / 7P
DUAL N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GSS6900S

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4816S GTM-GSS4816S Datasheet
539Kb / 8P
DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
ELM Technology Corporat...
ELM14900AA-N ELM-TECH-ELM14900AA-N Datasheet
116Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14902AA-N ELM-TECH-ELM14902AA-N Datasheet
116Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14904AA-N ELM-TECH-ELM14904AA-N Datasheet
116Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14906AA-N ELM-TECH-ELM14906AA-N Datasheet
115Kb / 5P
Dual N-channel MOSFET with schottky diode
ELM14912AA-N ELM-TECH-ELM14912AA-N Datasheet
140Kb / 7P
Dual N-channel MOSFET with schottky diode
ELM14914AA-N ELM-TECH-ELM14914AA-N Datasheet
145Kb / 7P
Dual N-channel MOSFET with schottky diode
ELM14916AA-N ELM-TECH-ELM14916AA-N Datasheet
141Kb / 7P
Dual N-channel MOSFET with schottky diode
logo
Silicon Standard Corp.
SSM4816SM SSC-SSM4816SM Datasheet
377Kb / 9P
DUAL N-CHANNEL MOSFET WITH SCHOTTKY DIODE
logo
ELM Electronics
ELM341503A-N ELM-ELM341503A-N Datasheet
1Mb / 7P
Dual N-channel MOSFET with schottky diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com