Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCBCRBP.01 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LCBCRBP.01
Description  The OSLON® Signal combines a compact form factor with high efficiency and electrically insulated thermal pad.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBCRBP.01 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LCBCRBP.01 Datasheet HTML 7Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 8Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 9Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 10Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 11Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 12Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 13Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 14Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LCB CRBP.01
DATASHEET
DATASHEET
11 | Version 1.1 | 2023-02-01
Forward Voltage 6)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 350 mA
LCB CRBP.01
-40-20 020406080 100120140
Tj /°C
-0,20
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
∆VF /V
Relative Luminous Flux 6)
Φ
v/Φv(25 °C) = f(Tj); IF = 350 mA
LCB CRBP.01
-40-20 020406080 100120140
Tj /°C
0,70
0,75
0,80
0,85
0,90
0,95
1,00
1,05
1,10
Φv
Φv(25°C)
Chromaticity Coordinate Shift 6)
ΔCx, ΔCy = f(T
j); IF = 350 mA
LCB CRBP.01
-40-20 020406080 100120140
Tj /°C
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx
: ∆ Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com