Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCBCRBP.01 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LCBCRBP.01
Description  The OSLON® Signal combines a compact form factor with high efficiency and electrically insulated thermal pad.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCBCRBP.01 Datasheet(HTML) 2 Page - OSRAM GmbH

  LCBCRBP.01 Datasheet HTML 1Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 2Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 3Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 4Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 5Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 6Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 7Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 8Page - OSRAM GmbH LCBCRBP.01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LCB CRBP.01
DATASHEET
DATASHEET
2 | Version 1.1 | 2023-02-01
OSLON® Signal
LCB CRBP.01
The OSLON® Signal combines a compact form factor with high
efficiency and electrically insulated thermal pad. The square
package matches the optical center with the mechanical center.
This provides easy clustering flexibility and high packing density
for a maximum flux density.
The color bins are defined for best fit to most signaling norms.
Applications
- Dynamic Signaling
Features
- Package: SMD ceramic package with silicone lens
- Chip technology: UX:3
- Typ. Radiation: 120°
- Color: Cx = 0.16, Cy = 0.12 acc. to CIE 1931 (● converted blue)
- Corrosion Robustness Class: 3B
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Bipolar, back to back (B2B) ESD: Minimum reverse voltage 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com