Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/√Hz, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADA4500-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADA4500-2
Rev. B | Page 3 of 24
SPECIFICATIONS
VSY = 2.7 V ELECTRICAL CHARACTERISTICS
VSY = 2.7 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Test Conditions/Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
120
μV
−40°C < TA < +125°C
700
μV
Offset Voltage Drift
TCVOS
−40°C < TA < +125°C
0.8
5.5
μV/°C
Input Bias Current
IB
0.3
1
pA
−40°C < TA < +125°C
170
pA
Input Offset Current
IOS
0.3
1
pA
−40°C < TA < +125°C
20
pA
Input Voltage Range
IVR
−40°C < TA < +125°C
V−
V+
V
Common-Mode Rejection Ratio
CMRR
VCM = V− to V+
95
110
dB
−40°C < TA < +125°C
90
dB
VCM = [(V−) − 0.2 V] to [(V+) + 0.2 V]
90
110
dB
−40°C < TA < +125°C
80
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, [(V−) + 0.05 V] < VOUT < [(V+) − 0.05 V]
100
110
dB
−40°C < TA < +125°C
100
dB
RL = 10 kΩ, [(V−) + 0.05 V] < VOUT < [(V+) − 0.05 V]
105
120
dB
−40°C < TA < +125°C
105
dB
Input Capacitance
Common Mode
CINCM
5
pF
Differential
CINDM
1.7
pF
Input Resistance
RIN
Common mode and differential mode
400
GΩ
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to V−
2.685
2.695
V
−40°C < TA < +125°C
2.68
V
RL = 2 kΩ to V−
2.65
2.68
V
−40°C < TA < +125°C
2.65
V
Output Voltage Low
VOL
RL = 10 kΩ to V+
3
5
mV
−40°C < TA < +125°C
10
mV
RL = 2 kΩ to V+
13
20
mV
−40°C < TA < +125°C
25
mV
Short Circuit Limit
ISC
Sourcing, VOUT shorted to V−
26
mA
Sinking, VOUT shorted to V+
−48
mA
Closed-Loop Impedance
ZOUT
f = 10 MHz, AV = 1
70
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.7 V to 5.5 V
98
119
dB
−40°C to +125°C
94
dB
Supply Current per Amplifier
ISY
IO = 0 mA
1.5
1.65
mA
−40°C < TA < +125°C
1.7
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 30 pF, AV = +1, VIN = VSY
5.5
V/μs
RL = 10 kΩ, CL = 30 pF, AV = −1, VIN = VSY
8.7
V/μs
Gain Bandwidth Product
GBP
VIN = 5 mV p-p, RL = 10 kΩ, AV = +100
10.1
MHz
Unity Gain Crossover
UGC
VIN = 5 mV p-p, RL = 10 kΩ, AV = +1
10.3
MHz
−3 dB Bandwidth
−3 dB
VIN = 5 mV p-p, RL = 10 kΩ, AV = −1
18.4
MHz
Phase Margin
ΦM
VIN = 5 mV p-p, RL = 10 kΩ, CL = 20 pF, AV = +1
52
Degrees
Settling Time to 0.1%
ts
VIN = 2 V p-p, RL = 10 kΩ, CL = 10 pF, AV = −1
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com