Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/√Hz, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADA4500-2
Rev. B | Page 15 of 24
TA = 25°C, unless otherwise noted.
TIME (2µs/DIV)
ADA4500-2
VSY = ±1.35V
VIN = 50mV p-p
AV = –100
RL = 10kΩ
CL = 100pF
0.05
0
–0.05
–0.10
1.5
1.0
0.5
0
–0.5
INPUT
OUTPUT
Figure 41. Positive Overload Recovery, VSY = ±1.35 V
TIME (2µs/DIV)
ADA4500-2
VSY = ±1.35V
VIN = 50mV p-p
AV = –100
RL = 10kΩ
CL = 100pF
0.10
0.05
0
–0.05
0.5
0
–0.5
–1.0
–1.5
INPUT
OUTPUT
Figure 42. Negative Overload Recovery, VSY = ±1.35 V
TIME (2µs/DIV)
ADA4500-2
VSY = ±2.5V
VIN = 100mV p-p
AV = –100
RL = 10kΩ
CL = 100pF
0.1
0
–0.1
–0.2
3
2
1
0
–1
INPUT
OUTPUT
Figure 43. Positive Overload Recovery, VSY = ±2.5 V
TIME (2µs/DIV)
ADA4500-2
VSY = ±2.5V
VIN = 100mV p-p
AV = –100
RL = 10kΩ
CL = 100pF
0.2
0.1
0
–0.1
1
0
–1
–2
–3
INPUT
OUTPUT
Figure 44. Negative Overload Recovery, VSY = ±2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com