Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4500-2ARMZ-R7
Description  10 MHz, 14.5 nV/√Hz, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4500-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
10 MHz, 14.5 nV/√Hz, Rail-to-Rail I/O,
Zero Input Crossover Distortion Amplifier
Data Sheet
ADA4500-2
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012-2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Power supply rejection ratio (PSRR): 98 dB minimum
Common-mode rejection ratio (CMRR): 95 dB minimum
Offset voltage: 120 μV maximum
Single-supply operation: 2.7 V to 5.5 V
Dual-supply operation: ±1.35 V to ±2.75 V
Wide bandwidth: 10 MHz
Rail-to-rail input and output
Low noise
2 μV p-p from 0.1 Hz to 10 Hz
14.5 nV/√Hz at 1 kHz
Very low input bias current: 2 pA maximum
APPLICATIONS
Pressure and position sensors
Remote security
Medical monitors
Process controls
Hazard detectors
Photodiode applications
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4500-2
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP Pin Configuration
For more information on the pin connections, see the Pin
Configurations and Function Descriptions section
100
–100
–80
–60
–40
–20
0
20
40
60
80
05
4
3
2
1
VCM (V)
ADA4500-2
VSY = 5.0V
Figure 2. The ADA4500-2 Eliminates Crossover Distortion
Across its Full Supply Range
GENERAL DESCRIPTION
The ADA4500-2 is a dual 10 MHz, 14.5 nV/√Hz, low power
amplifier featuring rail-to-rail input and output swings while
operating from a 2.7 V to 5.5 V single power supply. Compatible
with industry-standard nominal voltages of +3.0 V, +3.3 V,
+5.0 V, and ±2.5 V.
Employing a novel zero-crossover distortion circuit topology, this
amplifier offers high linearity over the full, rail-to-rail input
common-mode range, with excellent power supply rejection ratio
(PSRR) and common-mode rejection ratio (CMRR) performance
without the crossover distortion seen with the traditional
complementary rail-to-rail input stage. The resulting op amp
also has excellent precision, wide bandwidth, and very low
bias current.
This combination of features makes the ADA4500-2 an ideal choice
for precision sensor applications because it minimizes errors due to
power supply variation and maintains high CMRR over the full
input voltage range. The ADA4500-2 is also an excellent amplifier
for driving analog-to-digital converters (ADCs) because the output
does not distort with the common-mode voltage, which enables
the ADC to use its full input voltage range, maximizing the
dynamic range of the conversion subsystem.
Many applications such as sensors, handheld instrumentation,
precision signal conditioning, and patient monitors can benefit
from the features of the ADA4500-2.
The ADA4500-2 is specified for the extended industrial temperature
range (−40°C to +125°C) and available in the standard 8-lead
MSOP and 8-lead LFCSP packages.


Similar Part No. - ADA4500-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4500-2ARMZ-R7 AD-ADA4500-2ARMZ-R7 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2ARMZ-R7 AD-ADA4500-2ARMZ-R7 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2ARMZ-R7 AD-ADA4500-2ARMZ-R7 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
More results

Similar Description - ADA4500-2ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
Texas Instruments
TLV369 TI1-TLV369 Datasheet
1Mb / 27P
Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
logo
Analog Devices
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. E
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Rev. D
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com