Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ARMZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4500-2ARMZ-R7
Description  10 MHz, 14.5 nV/√Hz, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ARMZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4500-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 23Page - Analog Devices ADA4500-2ARMZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADA4500-2
Rev. B | Page 23 of 24
Besides converting the ac signal from single-ended to differential,
this circuit separates the ac and dc part of the input signal and
automatically adjusts the common-mode dc level of the output
signal to the same voltage as VREF. The output signal is then a
differential version of the input signal with its common-mode
voltage set to an optimal value (such as, ½ the full-scale input
range to the ADC). The noninverted ac part of the signal is
output at OUTP, and the inverted ac signal is output at OUTN.
The differential output signal (OUTP to OUTN) is centered on
the voltage applied to REF. In this design, R3 and R4 set REF to
½VPOS for maximum signal peak-to-peak swing; however, these
resistors can be eliminated, and the REF input can be driven
from an external source, such as a reference or the output of a
digital-to-analog converter (DAC).
The dc common-mode part of the input signal (VDC) was measured
using the voltage applied at REF and the voltage measured at the
feedback (FB) output using Equation 2. With VCM of the input
signal known to the system, it can respond appropriately to, for
example, a situation when the common mode is getting too close to
the rails.
VDC = (2 × FB) − (REF)
(2)
VSY
OUTP
VSY
U1A
ADA4500-2
R1B
1kΩ
R1A
1kΩ
C1
100pF
R2
2kΩ
C2
10pF
VSY
U2A
ADA4500-2
R11
5kΩ
INPUT
R6
10kΩ
R5
10kΩ
C5
0.01µF
C3
1µF
C7
1µF
C6
1µF
REF
OUTN
FB
R10
5kΩ
VSY
R9
5kΩ
R8
5kΩ
VSY
R4
100kΩ
R3
100kΩ
U2B
U1B
VREF
VPP
OUTPUT
VCM
VPP
INPUT
VCM_MAX = 1.5 × VSY
VCM_MIN = –0.5 × VSY
VPP_MAX = VSY – 0.1V
EXAMPLES (VSY = 5V)
+2.5V
0V
+5V
VPP
+7.5V
+5V
+10V
–2.5V
–5V
0V
OR
OUTP
OUTN
OUTP
OUTN
Figure 66. Single-Ended-to-Differential Conversion Circuit Separates the AC and DC Part of the Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com