Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADA4857-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
ADA4857-1/ADA4857-2
Rev. D | Page 5 of 21
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PD (POWER-DOWN) PIN
PD Input Voltage
Chip powered down
≥ (+VS − 2)
V
Chip powered down, TMIN to TMAX
≥ (+VS − 1.4)
V
Chip enabled
≤ (+VS − 4.2)
V
Chip enabled, TMIN to TMAX
≤ (+VS − 4.8) V
Turn-Off Time
50% off PD to <10% of final VOUT, VIN =
1 V, G = 2
38
µs
Turn-On Time
50% off PD to <10% of final VOUT, VIN =
1 V, G = 2
30
ns
PD Pin Leakage Current
Chip enable
8
µA
Chip powered down
30
µA
INPUT CHARACTERISTICS
Input Resistance
Common mode
8
MΩ
Differential mode
4
MΩ
Input Capacitance
Common mode
2
pF
Input Common-Mode Voltage Range
1 to 4
V
Common-Mode Rejection Ratio
VCM = 2 V to 3 V
−76
−84
dB
VCM = 1.3 V to 3.7 V, TMIN to TMAX
−70
dB
OUTPUT CHARACTERISTICS
Overdrive Recovery Time
G = 2
15
ns
Output Voltage Swing
High
RL = 1 kΩ
+VS − 1
V
RL = 1 kΩ, TMIN to TMAX
+VS − 1.3
V
RL = 100 Ω
+VS – 1.1
V
RL = 100 Ω, TMIN to TMAX
+VS – 1.7
V
Low
RL = 1 kΩ
−VS + 1
V
RL = 1 kΩ, TMIN to TMAX
−VS + 1.3
V
RL = 100 Ω
−VS + 1.1
V
RL = 100 Ω, TMIN to TMAX
−VS + 1.6
V
Output Current
50
mA
Short-Circuit Current
Sinking and sourcing
75
mA
Capacitive Load Drive
30% overshoot, G = 2
10
pF
POWER SUPPLY
Operating Range
4.5
10.5
V
Quiescent Current
4.5
5
mA
Quiescent Current (Power Down)
PD ≥ VCC − 2 V
250
350
µA
Positive Power Supply Rejection
+VS = 4.5 V to 5.5 V, −VS = 0 V
−58
−62
dB
Negative Power Supply Rejection
+VS = 5 V, −VS = −0.5 V to +0.5 V
−65
−68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com