Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4857-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADA4857-1/ADA4857-2
Data Sheet
Rev. D | Page 10 of 21
Figure 14. Small Signal Frequency Response for Various Resistive Loads (LFCSP)
Figure 15. Small Signal Frequency Response for Various Gains (LFCSP)
Figure 16. Harmonic Distortion vs. Frequency and Gain (LFCSP)
Figure 17. Large Signal Frequency Response for Various Resistive Loads (LFCSP)
Figure 18. Small Signal Frequency Response for Various Gains (SOIC),
RS = 100 Ω for G = +1
Figure 19. Harmonic Distortion vs. Frequency and Load (LFCSP)
1
10
100
1000
FREQUENCY (MHz)
RL = 100Ω
G = +2
VS = ±5V
VOUT = 0.2V p-p
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
RL = 1kΩ
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
VS = 5V
RL = 1kΩ
VOUT = 0.2V p-p
G = +1
G = +2
G = +10
G = +5
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.2
1
10
100
G = +1, HD2
G = +1, HD3
G = +2, HD2
G = +2, HD3
FREQUENCY (MHz)
VS = ±5V
VOUT = 2V p-p
RL= 1kΩ
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
G = +1
VS = ±5V
VOUT = 2V p-p
RL = 100Ω
RL = 1kΩ
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
RL = 1kΩ
VOUT = 0.2V p-p
G = +1
G = +10
G = +5
G = +2
100Ω
VIN
RL
RT
RS
VOUT
+VS
–VS
G = +1
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.2
1
10
100
RL = 100Ω, HD2
RL = 100Ω, HD3
RL = 1kΩ, HD3
FREQUENCY (MHz)
G = +1
VS = ±5V
VOUT = 2V p-p
RL = 1kΩ, HD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com