Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-2BRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4622-2BRZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2BRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4622-2BRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Data Sheet
ADA4622-1/ADA4622-2/ADA4622-4
30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp
Rev. F
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Next generation of the AD820/AD822/AD824
►
Wide gain bandwidth product: 8 MHz typical
►
High slew rate
►
23 V/µs typical (low to high)
►
−18 V/µs typical (high to low)
►
Low input bias current: ±10 pA maximum at TA = 25°C
►
Low offset voltage
►
A grade: ±0.8 mV maximum at TA = 25°C
►
B grade: ±0.35 mV maximum at TA = 25°C
►
Low offset voltage drift
►
A grade: ±4 µV/°C maximum
►
B grade: ±2 µV/°C maximum (ADA4622-2 only)
►
B grade: ±1 µV/°C maximum (ADA4622-1 only)
►
Input voltage range includes Pin V−
►
Rail-to-rail output
►
Electromagnetic interference rejection ratio (EMIRR)
►
90 dB typical at f = 1000 MHz and f = 2400 MHz
►
Industry-standard package and pinouts
APPLICATIONS
►
High output impedance sensor interfaces
►
Photodiode sensor interfaces
►
Transimpedance amplifiers
►
ADC drivers
►
Precision filters and signal conditioning
PIN CONFIGURATION
Figure 1. 8-Lead Mini Small Outline Package [MSOP] Pin Configuration (See
the Pin Configurations and Function Descriptions Section for Additional Pin
Configurations)
GENERAL DESCRIPTION
The ADA4622-1/ADA4622-2/ADA4622-4 are the next generation
of the AD820/AD822/AD824 single-supply, rail-to-rail output (RRO),
precision junction field effect transistors (JFET) input op amps. The
ADA4622-1/ADA4622-2/ADA4622-4 include many improvements
that make them desirable as upgrades without compromising the
flexibility and ease of use that makes the AD820/AD822/AD824
useful for a wide variety of applications.
The input voltage range includes the negative supply and the output
swings rail-to-rail. Input EMI filters increase the signal robustness in
the face of closely located switching noise sources.
The speed, in terms of bandwidth and slew rate, increases along
with a strong output drive to improve settling time performance and
enables the devices to drive the inputs of modern single-ended,
successive approximation register (SAR) analog-to-digital convert-
ers (ADCs).
Voltage noise is reduced; although the supply current remains the
same as the AD820/AD822/AD824, broadband noise is reduced
by 25%, and 1/f is reduced by half. DC precision in the ADA4622-1/
ADA4622-2/ADA4622-4 improved from the AD820/AD822/AD824
with half the offset and a maximum thermal drift specification added
to the ADA4622-1/ADA4622-2/ ADA4622-4. The common-mode re-
jection ratio (CMRR) is improved from the AD820/AD822/AD824 to
make the ADA4622-1/ADA4622-2/ADA4622-4 more suitable when
used in noninverting gain and difference amplifier configurations.
The ADA4622-1/ADA4622-2/ADA4622-4 are specified for operation
over the extended industrial temperature range of −40°C to +125°C,
and operate from 5 V to 30 V, with specifications at +5 V, ±5 V, and
±15 V. The ADA4622-1 is available in a 5-lead SOT-23 package
and an 8-lead LFCSP package. The ADA4622-2 is available in an
8-lead SOIC_N package, an 8-lead MSOP package, and an 8-lead
LFCSP package. The ADA4622-4 is available in a 14-lead SOIC_N
and a 16-lead, 4 × 4 mm LFCSP.


Similar Part No. - ADA4622-2BRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4622-2BRZ-R7 AD-ADA4622-2BRZ-R7 Datasheet
1Mb / 34P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. B
ADA4622-2BRZ-R7 AD-ADA4622-2BRZ-R7 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results

Similar Description - ADA4622-2BRZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1006 LINER-LT1006 Datasheet
878Kb / 12P
Precision, Single Supply Op Amp
LT1006S8 LINER-LT1006S8 Datasheet
219Kb / 4P
Precision, Single Supply Op Amp?
LT1006 LINER-LT1006_02 Datasheet
292Kb / 16P
Precision, Single Supply Op Amp
LT1006 LINER-LT1006_15 Datasheet
302Kb / 16P
Precision, Single Supply Op Amp
logo
Texas Instruments
OPA192 TI1-OPA192_15 Datasheet
3Mb / 52P
Low Input Bias Current Op Amp
logo
Analog Devices
ADA4622-2 AD-ADA4622-2 Datasheet
1Mb / 28P
30 V, 7.5 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amp
REV. 0
ADA4622-1 AD-ADA4622-1 Datasheet
1Mb / 34P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. B
ADA4625-1 AD-ADA4625-1 Datasheet
1Mb / 30P
Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
Oct-2017
logo
Texas Instruments
OPA396 TI-OPA396 Datasheet
2Mb / 30P
OPA396 Precision, Low IQ, Low Input Bias Current Op Amp
logo
Analog Devices
ADA4622-1 AD-ADA4622-1_V01 Datasheet
1Mb / 38P
30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com