Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-2BRZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4622-2BRZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single Supply, RRO, Precision Op Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-2BRZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4622-2BRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4622-2BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Data Sheet
ADA4622-1/ADA4622-2/ADA4622-4
TABLE OF CONTENTS
analog.com
Rev. F | 2 of 36
Features................................................................ 1
Applications........................................................... 1
Pin Configuration................................................... 1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics, VSY = ±15 V.............. 3
Electrical Characteristics, VSY = ±5 V ............... 5
Electrical Characteristics, VSY = 5 V ................. 7
Absolute Maximum Ratings.................................10
Thermal Resistance......................................... 10
ESD Caution.....................................................10
Pin Configurations and Function Descriptions.....11
Typical Performance Characteristics................... 14
Theory Of Operation............................................26
Input Characteristics.........................................26
Output Characteristics......................................27
Shutdown Operation.........................................28
Applications Information...................................... 29
Recommended Power Solution........................29
Maximum Power Dissipation............................ 29
Second-Order Low-Pass Filter......................... 29
Wideband Photodiode Preamplifier..................29
Peak Detector...................................................32
Multiplexing Inputs............................................32
Full Wave Rectifier........................................... 32
Outline Dimensions............................................. 34
Ordering Guide.................................................36
REVISION HISTORY
9/2022—Rev. E to Rev. F
Changes to Features Section.......................................................................................................................... 1
Changes to Offset Voltage Drift, B Grade Parameter, Table 1.........................................................................3
Changes to Offset Voltage Drift, B Grade Parameter, Table 2.........................................................................5
Changes to Offset Voltage Drift, B Grade Parameter, Table 3.........................................................................7
Changes to Figure 12 to Figure 14................................................................................................................ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com