Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8665ARJZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8665ARJZ-R2
Description  16 V, 4 MHz RR0 Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8665ARJZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8665ARJZ-R2 Datasheet HTML 4Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 5Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8665/AD8666/AD8668
Rev. B | Page 8 of 16
Figure 19. Small-Signal Transient Response
Figure 20. Large-Signal Transient Response
Figure 21. Small-Signal Overshoot vs. Load Capacitance
Figure 22. Positive Overload Recovery Time
Figure 23. Negative Overload Recovery Time
Figure 24. Input Offset Voltage Distribution
TIME (0.5µs/DIV)
VDD = 16V
RL = 10kΩ
CL = 10pF
AV = +1
TIME (2µs/DIV)
VDD = ±8V
RL = 10kΩ
CL = 10pF
AV = +1
10
–10
–8
–6
–4
–2
2
4
6
8
0
70
0
1
1000
LOAD CAPACITANCE (pF)
10
100
60
50
40
30
20
10
VDD = 16V
VIN = 100mV p-p
+OS
–OS
TIME (5µs/DIV)
0V
8V
–100mV
0V
VIN
VOUT
VDD = ±8V
AV = –100
TIME (5µs/DIV)
–8V
0V
0V
100mV
VIN
VOUT
VDD = ±8V
AV = –100
80
0
–3
3
INPUT OFFSET VOLTAGE (mV)
70
60
50
40
30
20
10
–2
–1
0
1
2
VDD = 5V
VCM = 2.5V
TA = 25°C
550 AMPLIFIERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com