Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8665ARJZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8665ARJZ-R2
Description  16 V, 4 MHz RR0 Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8665ARJZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8665ARJZ-R2 Datasheet HTML 5Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 6Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8665/AD8666/AD8668
Rev. B | Page 9 of 16
Figure 25. VOS Drift (TCVOS) Distribution
Figure 26. Offset Voltage vs. Common-Mode Voltage
Figure 27. Output Saturation Voltage vs. Load Current
Figure 28. Output Saturation Voltage vs. Temperature
Figure 29. Open-Loop Gain and Phase vs. Frequency
Figure 30. Closed-Loop Output Impedance vs. Frequency
30
0
0
10
TCVOS (µV/°C)
25
20
15
10
5
1
2
3
4
5
6
7
8
9
VDD = 5V
VCM = 2.5V
–40°C
≤ TA ≤ +125°C
300 AMPLIFIERS
5
–5
–0.5
3.5
INPUT COMMON-MODE VOLTAGE (V)
4
3
2
1
0
–1
–2
–3
–4
0
0.5
1.0
1.5
2.0
2.5
3.0
VDD = 5V
TA = 25°C
0.1
0.001
LOAD CURRENT (mA)
0.01
0.1
1
10
20
1
10
100
1000
3000
VDD = 5V
TA = 25°C
VDD TO VOH
SOURCING
VOL
SINKING
120
0
–40
120
TEMPERATURE (°C)
100
80
60
40
20
–20
0
20
40
60
80
100
VDD = 5V
ILOAD = 1mA
VDD TO VOH
SOURCING
VOL
SINKING
80
–20
1k
10M
FREQUENCY (Hz)
10k
100k
1M
60
40
20
0
0
225
45
90
135
180
ФM = 70°
GAIN
PHASE
VDD = 5V
RL = 2kΩ
CL = 10pF
1000
0.01
100
10M
FREQUENCY (Hz)
1k
10k
100k
1M
0.1
1
10
100
VDD = 5V
AV = +100
AV = +10
AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com