Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8666WARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8666WARZ-R7
Description  16 V, 4 MHz RR0 Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8666WARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8666WARZ-R7 Datasheet HTML 1Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 2Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 3Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 4Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 5Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 6Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 7Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 8Page - Analog Devices AD8666WARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
16 V, 4 MHz RR0 Amplifiers
AD8665/AD8666/AD8668
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Offset voltage: 2.5 mV max
Low input bias current: 1 pA max
Single-supply operation: 5 V to 16 V
Dual-supply operation: ±2.5 V to ±8 V
Low noise: 8 nV/√Hz @ 10 kHz
Wide bandwidth: 4 MHz
Rail-to-rail output
Unity-gain stable
Lead-free packaging
AD8666/AD8668 qualified for automotive applications
APPLICATIONS
Sensor amplification
Reference buffers
Medical equipment
Physiological measurements
Signal filters and conditioning
Consumer audio
Photodiode amplification
ADC driver
Level shifting circuits
GENERAL DESCRIPTION
The AD866x family is single supply, rail-to-rail output
amplifiers with low noise performance featuring an extended
operating range with supply voltages up to 16 V. They also
feature low input bias currents, wide signal bandwidth, and low
input voltage and current noise. For lower offset voltage, choose
the AD8661/AD8662/AD8664 family.
The combination of low offsets, very low input bias currents,
and wide supply range make these amplifiers useful in a wide
variety of cost sensitive applications normally associated with
much higher priced JFET amplifiers. Systems using high
impedance sensors, such as photo diodes, benefit from the
combination of low input bias current, low noise, and low offset
and bandwidth. The wide operating voltage range matches high
performance ADCs and DACs. Audio applications and medical
monitoring equipment can take advantage of the high input
impedance, low voltage and current noise, wide bandwidth, and
the lack of popcorn noise found in many other low input bias
current amplifiers.
The AD866x family is specified over the extended industrial
temperature range (−40°C to +125°C). See the Ordering Guide
for automotive models.
PIN CONFIGURATIONS
Figure 1. AD8665, 5-Lead SOT-23 (RJ-5)
Figure 2. AD8665, 8-Lead SOIC_N (R-8)
Figure 3. AD8666, 8-Lead SOIC_N (R-8)
Figure 4. AD8666, 8-Lead MSOP (RM-8)
Figure 5. AD8668, 14-Lead TSSOP (RU-14)
Figure 6. AD8668, 14-Lead SOIC_N (R-14)
1
2
3
5
4
–IN
+IN
V+
OUT
AD8665
TOP VIEW
(Not to Scale)
V–
NC
1
–IN
2
+IN
3
VEE
4
NC
8
VCC
7
OUT
6
NC
5
AD8665
TOP VIEW
(Not to Scale)
NC = NO CONNECT
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8666
TOP VIEW
(Not to Scale)
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8666
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
AD8668
IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
OUT A
–IN A
+IN A
V+
OUT D
–IN D
+IN D
V–
+IN B
+IN C
–IN B
OUT B
–IN C
OUT C
AD8648
TOP VIEW
(Not to Scale)
OUT A
AD8668
TOP VIEW
(Not to Scale)
AD8648
TOP VIEW
(Not to Scale)
6
1
2
3
4
5
7
14
13
12
11
10
9
8
AD8668
TOP VIEW
(Not to Scale)


Similar Part No. - AD8666WARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8666WARZ-R7 AD-AD8666WARZ-R7 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
More results

Similar Description - AD8666WARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8665 AD-AD8665 Datasheet
524Kb / 16P
16 V, 4 MHz Rail-to-Rail Output Amplifiers
10/06-Rev. 0 to Rev. A
AD8666ARMZ AD-AD8666ARMZ Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8665 AD-AD8665_15 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8666 AD-AD8666_15 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
AD8668 AD-AD8668_15 Datasheet
621Kb / 16P
16 V, 4 MHz RR0 Amplifiers
REV. B
logo
STMicroelectronics
TSX7192 STMICROELECTRONICS-TSX7192 Datasheet
702Kb / 25P
Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifiers
March 2015 Rev 1
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
21-Mar-2017
TSX920 STMICROELECTRONICS-TSX920 Datasheet
2Mb / 32P
10 MHz rail-to-rail CMOS 16 V operational amplifiers
14-Jan-2016
TSX9291 STMICROELECTRONICS-TSX9291 Datasheet
981Kb / 31P
16 MHz rail-to-rail CMOS 16 V operational amplifiers
28-Apr-2014
logo
Texas Instruments
TLV9741 TI1-TLV9741 Datasheet
1Mb / 31P
16-V, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com