Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 8 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices OP481 Datasheet HTML 10Page - Analog Devices OP481 Datasheet HTML 11Page - Analog Devices OP481 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP281/OP481
Rev. D | Page 8 of 20
10000
1000
0.1
100
10
1
1000
100
10
1
LOAD CURRENT (µA)
VS = 3V
TA = 25°C
SOURCE
SINK
Figure 11. Output Voltage to Supply Rail vs. Load Current
1000
0.1
100
10
1
1000
100
10
1
LOAD CURRENT (µA)
SINK
VS = 5V
TA = 25°C
SOURCE
Figure 12. Output Voltage to Supply Rail vs. Load Current
1000
0.1
100
10
1
1000
100
10
1
LOAD CURRENT (µA)
SINK
VS = ±5V
TA = 25°C
SOURCE
Figure 13. Output Voltage to Supply Rail vs. Load Current
70
–30
1M
100
FREQUENCY (Hz)
1k
10k
100k
60
50
40
30
20
10
0
–10
–20
90
0
45
135
180
225
270
VS = 5V
TA = 25°C
RL = 100kΩ
Figure 14. Open-Loop Gain and Phase vs. Frequency
70
–30
1M
100
FREQUENCY (Hz)
1k
10k
100k
60
50
40
30
20
10
0
–10
–20
90
0
45
135
180
225
270
VS = 3V
TA = 25°C
RL = 100kΩ
Figure 15. Open-Loop Gain and Phase vs. Frequency
70
–30
1M
100
FREQUENCY (Hz)
1k
10k
100k
60
50
40
30
20
10
0
–10
–20
90
0
45
135
180
225
270
VS = 2.7V
TA = 25°C
RL = 100kΩ
Figure 16. Open-Loop Gain and Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com