Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481 Datasheet(PDF) 1 Page - Analog Devices

Part # OP481
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481 Datasheet(HTML) 1 Page - Analog Devices

  OP481 Datasheet HTML 1Page - Analog Devices OP481 Datasheet HTML 2Page - Analog Devices OP481 Datasheet HTML 3Page - Analog Devices OP481 Datasheet HTML 4Page - Analog Devices OP481 Datasheet HTML 5Page - Analog Devices OP481 Datasheet HTML 6Page - Analog Devices OP481 Datasheet HTML 7Page - Analog Devices OP481 Datasheet HTML 8Page - Analog Devices OP481 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Power, Rail-to-Rail Output
Operational Amplifiers
OP281/OP481
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Low supply current: 4 μA/amplifier maximum
Single-supply operation: 2.7 V to 12 V
Wide input voltage range
Rail-to-rail output swing
Low offset voltage: 1.5 mV
No phase reversal
APPLICATIONS
Comparator
Battery-powered instrumentation
Safety monitoring
Remote sensors
Low voltage strain gage amplifiers
GENERAL DESCRIPTION
The OP281 and OP481 are dual and quad ultralow power
single-supply amplifiers featuring rail-to-rail outputs. Each
operates from supplies as low as 2.0 V and is specified at +3 V
and +5 V single supplies as well as ±5 V dual supplies.
Fabricated on Analog Devices’ CBCMOS process, the
OP281/OP481 feature a precision bipolar input and an output
that swings to within millivolts of the supplies, continuing to
sink or source current up to a voltage equal to the supply voltage.
Applications for these amplifiers include safety monitoring,
portable equipment, battery and power supply control, and
signal conditioning and interfacing for transducers in very low
power systems.
The output’s ability to swing rail-to-rail and not increase supply
current when the output is driven to a supply voltage enables
the OP281/OP481 to be used as comparators in very low power
systems. This is enhanced by their fast saturation recovery time.
Propagation delays are 250 μs.
The OP281/OP481 are specified over the extended industrial
temperature range (−40°C to +85°C). The OP281 dual amplifier
is available in 8-lead SOIC surface-mount and TSSOP packages.
The OP481 quad amplifier is available in narrow 14-lead SOIC
and TSSOP packages.
PIN CONFIGURATIONS
OUT A
V+
OUT B
–IN A
+IN A
V–
+IN B
–IN B
1
2
3
4
8
7
6
5
OP281
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead
Narrow-Body SOIC
(R Suffix)
TOP VIEW
(Not to Scale)
OP281
1
2
3
4
8
7
6
5
OUT A
V+
OUT B
–IN A
+IN A
V–
+IN B
–IN B
Figure 2. 8-Lead TSSOP
(RU Suffix)
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
1
2
3
4
14
13
12
11
5
10
6
9
7
8
OP481
TOP VIEW
(Not to Scale)
Figure 3. 14-Lead
Narrow-Body SOIC
(R Suffix)
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V–
+IN C
–IN C
OUT C
OP481
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
Figure 4. 14-Lead TSSOP
(RU Suffix)


Similar Part No. - OP481

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP481 AD-OP481 Datasheet
448Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV.0
OP481 AD-OP481 Datasheet
963Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
3/03-Data Sheet changed from REV. A to REV. B.
OP481 AD-OP481 Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
OP481 AD-OP481 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
OP481 AD-OP481 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
More results

Similar Description - OP481

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP181 AD-OP181 Datasheet
448Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV.0
OP281 AD-OP281 Datasheet
963Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
3/03-Data Sheet changed from REV. A to REV. B.
OP281 AD-OP281_07 Datasheet
446Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. C
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
logo
Analog Devices
OP181 AD-OP181_15 Datasheet
311Kb / 16P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
REV. 0
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
OP281 AD-OP281_15 Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
OP481 AD-OP481_15 Datasheet
396Kb / 20P
Ultralow Power, Rail-to-Rail Output Operational Amplifiers
Rev. D
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com