Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6362 Datasheet(PDF) 42 Page - Analog Devices

Part # LTC6362
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6362 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTC6362 Datasheet HTML 34Page - Analog Devices LTC6362 Datasheet HTML 35Page - Analog Devices LTC6362 Datasheet HTML 36Page - Analog Devices LTC6362 Datasheet HTML 37Page - Analog Devices LTC6362 Datasheet HTML 38Page - Analog Devices LTC6362 Datasheet HTML 39Page - Analog Devices LTC6362 Datasheet HTML 40Page - Analog Devices LTC6362 Datasheet HTML 41Page - Analog Devices LTC6362 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
LTC6363 Family
42
Rev. C
ANALOG DEVICES, INC. 2015–2019
02/19
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
V+
3.3nF
3.3nF
MEASURED PERFORMANCE:
INPUT: fIN = 2kHz, –1dBFS
SNR: 102.3dB
THD: –114.1dB
3.3nF
AIN+
VREF
VDD
5V
LTC2378-20
SAR ADC
2.5V
GND
AIN–
20-BIT
1Msps
6363 TA08
30.1
30.1
–OUT
0.1µF
6V
VIN
V–
V+
V–
700
1400
3.6M
–
+
LTC6363-0.5
5
+OUT
V+
4
–IN
1
+IN
8
700
1400
3.6M
3
0.1µF
2.5V
VOCM
VOCM
2
0.1µF
–1V
V–
6
SHDN
7
V+OUT
V–OUT
5V
0V
VIN
10V
–10V
5V
0V
PART NUMBER
DESCRIPTION
COMMENTS
Fully Differential Amplifiers
LTC6362
Precision, Low Power Rail-to-Rail Input/Output
Differential Op Amp/SAR ADC Driver
1mA, –116dBc Distortion at 1kHz, 8VP-P Output
ADA4940-1/ADA4940-2
Ultralow Power, Low Distortion, Fully Differential ADC
Drivers
1.25mA, –96dBc Distortion at 1MHz, 2VP-P Output
LTC1992/LTC1992-X
3MHz to 4MHz Fully Differential Input/Output Amplifiers Internal Feedback Resistors Available (G =1, 2, 5,10)
LT1994
70MHz Low Noise, Low Distortion Fully Differential
Input/Output Amplifier/Driver
13mA, –94dBc Distortion at 1MHz, 2VP-P Output
AD8475
Precision, Selectable Gain Funnel Amplifier
Internal Feedback Resistors (G = 0.4, 0.8)
AD8476
Low Power, Unity Gain ADC Driver/Amplifier
330µA, –126dBc Distortion at 10kHz, 1ppm/°C Gain Drift
Operational Amplifiers
LT6350
Low Noise, Single-Ended to Differential Converter/
ADC Driver
4.8mA, –97dBc Distortion at 100kHz, 4VP-P Output
LTC6246/LTC6247/
LTC6248
Single/Dual/Quad 180MHz Rail-to-Rail Low Power Op
Amps
1mA/Amplifier, 4.2nV/√Hz
Matched Resistor Networks
LT5400
Precision Quad Matched Resistor Networks
Ratios = 1:1, 1:4, 1:5, 1:9, 1:10
ADCs
LTC2378-20
20-Bit, 1Msps, Low Power SAR ADC with 0.5ppm INL 2.5V Supply, Differential Input, 104dB SNR, ±5V Input Range, DGC,
Pin Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
LTC2379-18/LTC2378-18
LTC2377-18/LTC2376-18
18-Bit, 1.6Msps/1Msps/500ksps/250ksps Serial,
Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range, DGC,
Pin Compatible Family in MSOP-16 and 4mm × 3mm DFN-16 Packages
AD4020
20-Bit, 1.8Msps, Low Power, Precision SAR ADC
1.8V Supply, Differential Input, 100.5dB SNR, ±5V Input Range,
3mm × 3mm LFCSP and MSOP-10 Packages
AD4003/AD4007/AD4011 18-Bit, 2Msps/1Msps/500ksps Precision,
Differential SAR ADCs
1.8V Supply, Differential Input, 100.5dB SNR, ±5V Input Range,
3mm × 3mm LFCSP and MSOP-10 Packages
AD7691
18-Bit, 1.5LSB INL, 250ksps PulSAR Differential ADC 2.3V to 5V Supply, Differential Input, 101.5dB SNR, ±5V Input Range,
3mm × 3mm LFCSP and MSOP-10 Packages
AD7984
18-Bit, 1.33Msps PulSAR 10.5mW ADC in
MSOP/LFCSP
2.5V Supply, Differential Input, 98.5dB SNR, ±5V Input Range,
3mm × 3mm LFCSP and MSOP-10 Packages
Single-Ended-to-Differential Conversion of a 20VP-P Ground-Referenced Input with Gain of AV = 0.5 to Drive an ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com