Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6362 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6362
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6362 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6362 Datasheet HTML 17Page - Analog Devices LTC6362 Datasheet HTML 18Page - Analog Devices LTC6362 Datasheet HTML 19Page - Analog Devices LTC6362 Datasheet HTML 20Page - Analog Devices LTC6362 Datasheet HTML 21Page - Analog Devices LTC6362 Datasheet HTML 22Page - Analog Devices LTC6362 Datasheet HTML 23Page - Analog Devices LTC6362 Datasheet HTML 24Page - Analog Devices LTC6362 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
LTC6363 Family
21
Rev. C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Applicable to the LTC6363-2 only.
Input Noise Voltage Density vs
Frequency
Harmonic Distortion vs Frequency
Harmonic Distortion vs Output
Amplitude
Settling Time vs Output Step
Settling Time to 7VP-P vs Output
Step
DC Linearity
VS = ±5V
VOCM = 0V
fIN = 2kHz
SINGLE-ENDED INPUT
GROUND REFERENCED
HD3
HD2
VOUTDIFF (VP-P)
2
4
6
8
10 12 14 16 18 20
–140
–130
–120
–110
–100
–90
–80
–70
6363 G72
VS = 10V, 0V
G = 2
BIT NUMBERS ARE REFERENCED
TO AN 8VP-P INPUT ADC
18-BIT
16-BIT
DIFFERENTIAL OUTPUT STEP (VP-P)
2
3
4
5
6
7
8
0
100
200
300
400
500
600
700
800
900
1000
6363 G73
VICM = VOCM = 0V
LINEAR FIT FOR –8V ≤ VOUTDIFF ≤ +8V
VS = ±5V
NO LOAD
VOUTDIFF (V)
–8 –7 –6 –5 –4 –3 –2 –1 0 1 2 3 4 5 6 7 8
–100
–80
–60
–40
–20
0
20
40
60
80
100
6363 G75
G = 2
ERROR
VOUTDIFF
VS = 10V, 0V
1 DIV = 18-BIT ERROR OF AN
7VP-P INPUT ADC
TIME (0.5µs/DIV)
–5
–4
–3
–2
–1
0
1
2
3
4
5
–150
–120
–90
–60
–30
0
30
60
90
120
150
6363 G74
VS = ±5V
VOCM = 0V
VOUTDIFF = 18VP-P
SINGLE-ENDED INPUT
GROUND REFERENCED
HD2
HD3
FREQUENCY (Hz)
100
1k
10k
100k
–140
–130
–120
–110
–100
–90
–80
–70
6363 G71
FREQUENCY (Hz)
10
100
1k
10k 100k
1M
10M 30M
1
10
100
1000
6363 G70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com