Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC923L0YIP Datasheet(PDF) 13 Page - Sharp Corporation

Part # PC923L0YIP
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L0YIP Datasheet(HTML) 13 Page - Sharp Corporation

Back Button PC923L0YIP Datasheet HTML 9Page - Sharp Corporation PC923L0YIP Datasheet HTML 10Page - Sharp Corporation PC923L0YIP Datasheet HTML 11Page - Sharp Corporation PC923L0YIP Datasheet HTML 12Page - Sharp Corporation PC923L0YIP Datasheet HTML 13Page - Sharp Corporation PC923L0YIP Datasheet HTML 14Page - Sharp Corporation PC923L0YIP Datasheet HTML 15Page - Sharp Corporation PC923L0YIP Datasheet HTML 16Page - Sharp Corporation PC923L0YIP Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Sheet No.: D2-A06001EN
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
13
PC923L0NSZ Series
● Degradation
In general, the emission of the LED used in photocouplers will degrade over time.
In the case of long term operation, please take the general LED degradation (50% degradation over 5years)
into the design consideration.
Please decide the input current which become 2times of MAX. IFLH.
● Recommended Foot Print (reference)
2.2
8.2
(Unit : mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com