Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC923L0YIP Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC923L0YIP
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L0YIP Datasheet(HTML) 3 Page - Sharp Corporation

  PC923L0YIP Datasheet HTML 1Page - Sharp Corporation PC923L0YIP Datasheet HTML 2Page - Sharp Corporation PC923L0YIP Datasheet HTML 3Page - Sharp Corporation PC923L0YIP Datasheet HTML 4Page - Sharp Corporation PC923L0YIP Datasheet HTML 5Page - Sharp Corporation PC923L0YIP Datasheet HTML 6Page - Sharp Corporation PC923L0YIP Datasheet HTML 7Page - Sharp Corporation PC923L0YIP Datasheet HTML 8Page - Sharp Corporation PC923L0YIP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Sheet No.: D2-A06001EN
(Unit : mm)
3. SMT Gullwing Lead-Form [ex. PC923L0NIP]
4. SMT Gullwing Lead-Form (VDE0884 option)
[ex. PC923L0YIP]
Product mass : approx. 0.55g
PC923L0NSZ Series
Primary side
mark
PC923L
SHARP
mark
"S"
0.85±
0.2
1.2±
0.3
7
8
6
5
4
1
2
3
2.54±
0.25
1.0+
0.4
−0
Epoxy resin
10.0+
0
−0.5
1.0+
0.4
−0
7.62±
0.3
9.66±
0.5
Date code
VDE0884 Identification mark
Primary side
mark
Date code
PC923L
4
SHARP
mark
"S"
0.85±
0.2
1.2±
0.3
7
8
6
5
4
1
2
3
2.54±
0.25
1.0+
0.4
−0
Epoxy resin
10.0+
0
−0.5
1.0+
0.4
−0
7.62±
0.3
9.66±
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com