Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2211 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PL2211
Description  300mA Low Noise Dual LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211 Datasheet(HTML) 1 Page - Power IC Ltd.

  PL2211 Datasheet HTML 1Page - Power IC Ltd. PL2211 Datasheet HTML 2Page - Power IC Ltd. PL2211 Datasheet HTML 3Page - Power IC Ltd. PL2211 Datasheet HTML 4Page - Power IC Ltd. PL2211 Datasheet HTML 5Page - Power IC Ltd. PL2211 Datasheet HTML 6Page - Power IC Ltd. PL2211 Datasheet HTML 7Page - Power IC Ltd. PL2211 Datasheet HTML 8Page - Power IC Ltd. PL2211 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Specification
300mA Low Noise Dual LDO
PL2211
FEATURES
Guaranteed 300mA load/ LDO
Ultra low output noise: 100
µV
RMS
Low ground current: 200
µA
Very low dropout: 180mV @300mA
Zero shutdown supply current
TTL-logic-controlled independent enable input
Thermal and current limit protections
Low ESR capacitor compatibility to achieve
Ultra low droop load transient response
Ultra fast line transient response
Tiny 10pin 3mm x 3mm MLF (10L-TDLMF ) package
Fixed options 1.5V, 1.8V, 2.5V, 2.8V, 3.0V and 3.3V
APPLICATIONS
Cellular and cordless phones
Wireless LAN cards
Palmtop computers
Personal communication equipment
DESCRIPTION
The PL2211 is a dual CMOS low dropout linear regulator
with ultra-low-noise output, very low dropout voltage and
very low ground current.
The PL2211 operates from a 2.5V to 5.5V input voltage
range and delivers up to 300mA, with low dropout of 200
mV at 300mA. The other features of PL2211 include short-
circuit protection and thermal-shutdown protection.
The PL2211 is designed especially for battery-powered
portable devices. Its low noise feature makes PL2211 ideal
for noise-sensitive personal communication applications.
Other key application areas for PL2211 also include
palmtop computers, PCMCIA cards and WLAN cards.
The PL2211 has a special feature that if both EN pin is
enabled simultaneously the output of LDO2 delays 20us
from output of LDO1 which helps to minimize inrush
startup current.
The PL2211 is available in tiny 10pin 3mm x 3mm MLF
(10L-TDLMF) package with fixed output voltage versions.
TYPICAL APPLICATION
Power IC Ltd.
- 1 -
www.picsemi.com
Version 1.0
Mar 4, 2007


Similar Part No. - PL2211

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
261Kb / 9P
Dual Low Noise LDO in 3mm횞3mm MLF
PL2211-15UZ PICSEMI-PL2211-15UZ Datasheet
261Kb / 9P
Dual Low Noise LDO in 3mm횞3mm MLF
PL2211-15VZ PICSEMI-PL2211-15VZ Datasheet
261Kb / 9P
Dual Low Noise LDO in 3mm횞3mm MLF
PL2211-18UZ PICSEMI-PL2211-18UZ Datasheet
261Kb / 9P
Dual Low Noise LDO in 3mm횞3mm MLF
PL2211-18VZ PICSEMI-PL2211-18VZ Datasheet
261Kb / 9P
Dual Low Noise LDO in 3mm횞3mm MLF
More results

Similar Description - PL2211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
LOW NOISE Dual 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
LOW NOISE 300mA LDO REGULATOR
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
LOW NOISE Dual 300mA LDO
April 1, 2012
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
LOW NOISE 300mA LDO REGULATOR
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
LOW NOISE DUAL 300mA LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
Low noise 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com