Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2211 Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PL2211
Description  300mA Low Noise Dual LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211 Datasheet(HTML) 2 Page - Power IC Ltd.

  PL2211 Datasheet HTML 1Page - Power IC Ltd. PL2211 Datasheet HTML 2Page - Power IC Ltd. PL2211 Datasheet HTML 3Page - Power IC Ltd. PL2211 Datasheet HTML 4Page - Power IC Ltd. PL2211 Datasheet HTML 5Page - Power IC Ltd. PL2211 Datasheet HTML 6Page - Power IC Ltd. PL2211 Datasheet HTML 7Page - Power IC Ltd. PL2211 Datasheet HTML 8Page - Power IC Ltd. PL2211 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Design Specification
300mA Low Noise Dual LDO
PL2211
MARKING DIAGRAMS
PIN CONFIGURATION
ORDERING INFORMATION
Part Number
Output Voltage
Marking
Package
PL2211 – 15VZ
1.5
DBAMW
10L-TDLMF
PL2211 – 15UZ
1.5
DBBMW
10L-TDLMF
PL2211 – 18VZ
1.8
DBCMW
10L-TDLMF
PL2211 – 18UZ
1.8
DBDMW
10L-TDLMF
PL2211 – 25VZ
2.5
DBEMW
10L-TDLMF
PL2211 – 25UZ
2.5
DBFMW
10L-TDLMF
PL2211 – 27VZ
2.7
DBGMW
10L-TDLMF
PL2211 – 27UZ
2.7
DBHMW
10L-TDLMF
PL2211 – 28VZ
2.8
DBIMW
10L-TDLMF
PL2211 – 28UZ
2.8
DBJMW
10L-TDLMF
PL2211 – 30VZ
3.0
DBKMW
10L-TDLMF
PL2211 – 30UZ
3.0
DBLMW
10L-TDLMF
PL2211 – 33VZ
3.3
DBMMW
10L-TDLMF
PL2211 – 33UZ
3.3
DBNMW
10L-TDLMF
Note 1: Contact the factory for other output voltages that are not in the above table
PIN DESCRIPTIONS
Name
Pin NO. Type
Function
IN
1
Supply
Supply voltage. 2.5V ~ 5.5V.
EN1
2
Logic input 1
Enable/Shutdown. CMOS compatible input. Logic ‘H’ : enable, logic ‘L’ : shutdown.
EN2
3
Logic input 2
Enable/Shutdown. CMOS compatible input. Logic ‘H’ : enable, logic ‘L’ : shutdown.
BYP
4
Bypass
Reference voltage bypass pin. Connect 0.01uF
≦ CBYP ≦ 0.1uF to GND to reduce
output noise. May be left open.
GND
6
Ground
Ground pin
OUT2
9
Analog output2
Regulator 2 Output.
OUT1
10
Analog output1
Regulator 1 Output.
Power IC Ltd.
- 2 -
www.picsemi.com
Version 1.0
Mar 4, 2007



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com