Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MVR21 Datasheet(PDF) 3 Page - Rohm

Part # MVR21
Description  Chip trimmer potentiometers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MVR21 Datasheet(HTML) 3 Page - Rohm

  MVR21 Datasheet HTML 1Page - Rohm MVR21 Datasheet HTML 2Page - Rohm MVR21 Datasheet HTML 3Page - Rohm MVR21 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MVR21
Resistors
3/3
Part No. Explanation
1
I
Code
IXBR
MVR21
Reflow soldering
Paper tape (4mm Pitch)
Part No.
Processing specifications
φ180mm(7inch)
Reel
3,000
Basic ordering
unit(pcs)
Packaging specifications
3-digit IEC coding system
Recommended resistance value : E3 series
Applicable resistance value : E6 series
Packaging / Processing specifications
Resistance
tolerance
Nominal
resistance
Part No.
N
± 25%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com